công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSC7511 bảng dữ liệu(PDF) 96 Page - Microsemi Corporation

tên linh kiện VSC7511
Giải thích chi tiết về linh kiện  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 bảng dữ liệu(HTML) 96 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 92Page - Microsemi Corporation VSC7511 Datasheet HTML 93Page - Microsemi Corporation VSC7511 Datasheet HTML 94Page - Microsemi Corporation VSC7511 Datasheet HTML 95Page - Microsemi Corporation VSC7511 Datasheet HTML 96Page - Microsemi Corporation VSC7511 Datasheet HTML 97Page - Microsemi Corporation VSC7511 Datasheet HTML 98Page - Microsemi Corporation VSC7511 Datasheet HTML 99Page - Microsemi Corporation VSC7511 Datasheet HTML 100Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
81
•
IP6_OTHER: Up to 64 entries.
•
OAM: Up to 128 entries.
The following tables provide information about how the IS2 half keys are generated. The first table lists
the common fields between the half keys.
Table 46 •
IS2 Common Key Fields for Half keys
Field Name
Bit
Width
Description
Lookup Information
S2_TYPE_HALF
0
4
0: MAC ETYPE entries
1: MAC LLC entries
2: MAC SNAP entries
3: ARP entries
4: IPv4 TCP/UDP entries
5: IPv4 OTHER entries
6: IPv6 STD entries
7: OAM entries
(8: SMAC_SIP6 entries)
FIRST
4
1
Set for first lookup and cleared for second lookup.
Interface Information
PAG
5
8
Policy association group. Action from VCAP IS1.
IGR_PORT_MASK
13
12
Ingress port mask. VCAP generated with one bit set in
the mask corresponding to the ingress port.
Tagging and IP Source Guarding Information
RESERVED
26
1
Reserved. Must be set to don’t care.
HOST_MATCH
26
1
The action from the SMAC_SIP4 or SMAC_SIP6
lookups. Used for IP source guarding.
L2_MC
27
1
Set if frame’s destination MAC address is a multicast
address (bit 40 = 1).
L2_BC
28
1
Set if frame’s destination MAC address is the broadcast
address (FF-FF-FF-FF-FF-FF).
VLAN_TAGGED
29
1
Set if frame has one or more Q-tags. Independent of
port VLAN awareness.
VID
30
12
Classified VID which is the result of the VLAN
classification in basic classification and IS1.
DEI
42
1
Classified DEI which is the final result of the VLAN
classification in basic classification and IS1.
PCP
43
3
Classified PCP which is the final result of the VLAN
classification in basic classification and IS1.
Table 47 •
IS2 MAC_ETYPE Key
Field Name
Bit
Width
Description
Layer-2 Information
L2_DMAC
46
48
Frame’s destination MAC address.
L2_SMAC
94
48
Frame’s source MAC address.
ETYPE
142
16
Frame’s EtherType. This is the EtherType after up to two
VLAN tags.
L2_PAYLOAD0
158
16
Payload bytes 0-1 after the frame’s EtherType.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com