công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSC7511 bảng dữ liệu(PDF) 57 Page - Microsemi Corporation

tên linh kiện VSC7511
Giải thích chi tiết về linh kiện  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 bảng dữ liệu(HTML) 57 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 53Page - Microsemi Corporation VSC7511 Datasheet HTML 54Page - Microsemi Corporation VSC7511 Datasheet HTML 55Page - Microsemi Corporation VSC7511 Datasheet HTML 56Page - Microsemi Corporation VSC7511 Datasheet HTML 57Page - Microsemi Corporation VSC7511 Datasheet HTML 58Page - Microsemi Corporation VSC7511 Datasheet HTML 59Page - Microsemi Corporation VSC7511 Datasheet HTML 60Page - Microsemi Corporation VSC7511 Datasheet HTML 61Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
42
(PHY_CTRL_EXT3.ACTIPHY_SLEEP_TIMER). The actual sleep time duration is random, from –80 ms
to 60 ms, to avoid two linked PHYs in ActiPHY mode entering a lock-up state during operation.
After sending signal energy on the relevant media, the PHY returns to the low power state.
3.5.6.2
Link Partner Wake-up State
In the link partner wake-up state, the PHY attempts to wake up the link partner. Up to three complete FLP
bursts are sent on alternating pairs A and B of the Cat5 media for a duration based on the wake-up timer,
which is set using register bits 20E1.12:11.
After sending signal energy on the relevant media, the PHY returns to the low power state.
3.5.6.3
Normal Operating State
In normal operation, the PHY establishes a link with a link partner. When the media is unplugged or the
link partner is powered down, the PHY waits for the duration of the programmable link status time-out
timer, which is set using ACTIPHY_LINK_TIMER_MSB_CFG and ACTIPHY_LINK_TIMER_LSB_CFG in
the PHY_AUX_CTRL_STAT register. It then enters the low power state.
3.5.7
Testing Features
The integrated transceivers include several testing features designed to facilitate performing system-
level debugging.
3.5.7.1
Ethernet Packet Generator (EPG)
The Ethernet Packet Generator (EPG) can be used at each of the 10/100/1000BASE-T speed settings
for copper Cat5 media to isolate problems between the MAC and the PHY, or between a local PHY and
its remote link partner. Enabling the EPG feature effectively disables all MAC interface transmit pins and
selects the EPG as the source for all data transmitted onto the twisted pair interface.
Important The EPG is intended for use with laboratory or in-system testing equipment only. Do not use
the EPG testing feature when the PHY is connected to a live network.
To use the EPG feature, set PHY_1000BT_EPG2.EPG_ENA to 1.
When PHY_1000BT_EPG2.EPG_RUN_ENA is set to 1, the PHY begins transmitting Ethernet packets
based on the settings in the PHY_1000BT_EPG1 and PHY_1000BT_EPG2 registers. These registers
set:
•
Source and destination addresses for each packet
•
Packet size
•
Inter-packet gap
•
FCS state
•
Transmit duration
•
Payload pattern
If PHY_1000BT_EPG1.TRANSMIT_DURATION_CFG is set to 0, PHY_1000BT_EPG1.EPG_RUN_ENA
is cleared automatically after 30,000,000 packets are transmitted.
3.5.7.2
CRC Counters
Two separate CRC counters are available in the PHY: a 14-bit good CRC counter available through
PHY_CRC_GOOD_CNT.CRC_GOOD_PKT_CNT and a separate 8-bit bad CRC counter in
PHY_CTRL_EXT4.CRC_1000BT_CNT.
3.5.7.3
Far-End Loopback
The far-end loopback testing feature is enabled by setting
PHY_CTRL_EXT1.FAR_END_LOOPBACK_ENA to 1. When enabled, it forces incoming data from a link
partner on the current media interface, into the MAC interface of the PHY, to be re-transmitted back to the
link partner on the media interface as shown in the following illustration. The incoming data also appears
on the receive data pins of the MAC interface. Data present on the transmit data pins of the MAC
interface is ignored when using this testing feature.
Note: The far-end loopback is only operational in 1Gbps mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com