công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSC7511 bảng dữ liệu(PDF) 54 Page - Microsemi Corporation

tên linh kiện VSC7511
Giải thích chi tiết về linh kiện  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 bảng dữ liệu(HTML) 54 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 50Page - Microsemi Corporation VSC7511 Datasheet HTML 51Page - Microsemi Corporation VSC7511 Datasheet HTML 52Page - Microsemi Corporation VSC7511 Datasheet HTML 53Page - Microsemi Corporation VSC7511 Datasheet HTML 54Page - Microsemi Corporation VSC7511 Datasheet HTML 55Page - Microsemi Corporation VSC7511 Datasheet HTML 56Page - Microsemi Corporation VSC7511 Datasheet HTML 57Page - Microsemi Corporation VSC7511 Datasheet HTML 58Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
39
Figure 12 •
Wake-On-LAN Functionality
Wake-on-LAN detection is available in 10BASE-T, 100BASE-TX, and 1000BASE-T modes., It is enabled
by setting the interrupt mask register PHY_INT_MASK. WOL_INT_ENA and its status is read in the
interrupt status register PHY_INT_STAT. WOL_INT_PEND. Wake-on-LAN and SecureOn are configured
for each port using the PHY_WOL_MDINT_CTRL register. The MAC address for each port is saved in its
local register space (PHY_WOL_MAC_ADDRx).
3.5.4
Ethernet Inline Powered Devices
The integrated transceivers can detect legacy inline powered devices in Ethernet network applications.
The inline powered detection capability can be part of a system that allows for IP-phone and other
devices, such as wireless access points, to receive power directly from their Ethernet cable, similar to
office digital phones receiving power from a Private Branch Exchange (PBX) office switch over the
telephone cabling. This can eliminate the need of an external power supply for an IP-phone. It also
enables the inline powered device to remain active during a power outage (assuming the Ethernet switch
is connected to an uninterrupted power supply, battery, back-up power generator, or some other
uninterruptable power source).
The following illustration shows an example of this type of application.
Tx Path
Rx Path
Wake-on-LAN
Detect
WOL_MAC_ADDR
ADDR_REPEAT_CNT
Secure-On enable
Secure-On
password length
Secure-On password
WoL Detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com