công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSC7511 bảng dữ liệu(PDF) 60 Page - Microsemi Corporation

tên linh kiện VSC7511
Giải thích chi tiết về linh kiện  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 bảng dữ liệu(HTML) 60 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 56Page - Microsemi Corporation VSC7511 Datasheet HTML 57Page - Microsemi Corporation VSC7511 Datasheet HTML 58Page - Microsemi Corporation VSC7511 Datasheet HTML 59Page - Microsemi Corporation VSC7511 Datasheet HTML 60Page - Microsemi Corporation VSC7511 Datasheet HTML 61Page - Microsemi Corporation VSC7511 Datasheet HTML 62Page - Microsemi Corporation VSC7511 Datasheet HTML 63Page - Microsemi Corporation VSC7511 Datasheet HTML 64Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
45
Rx
c_rx_sz_65_127
0x0A
Number of 65-127-byte frames in good and bad frames.
Rx
c_rx_sz_128_255
0x0B
Number of 128-255-byte frames in good and bad
frames.
Rx
c_rx_sz_256_511
0x0C
Number of 256-511-byte frames in good and bad
frames.
Rx
c_rx_sz_512_1023
0x0D
Number of 512-1023-byte frames in good and bad
frames.
Rx
c_rx_sz_1024_1526
0x0E
Number of 1024-1526-byte frames in good and bad
frames.
Rx
c_rx_sz_jumbo
0x0F
Number of 1527-MAXLEN.MAX_LENGTH-byte frames
in good and bad frames. Counter is only applicable if
MAXLEN.MAX_LENGTH > 1526.
Rx
c_rx_pause
0x10
Number of received pause frames.
Rx
c_rx_control
0x11
Number of MAC control frames received.
Rx
c_rx_long
0x12
Number of long frames with valid CRC (according to
MAXLEN.MAX_LENGTH).
Rx
c_rx_cat_drop
0x13
Number of frames dropped due to classifier rules.
Rx
c_rx_red_prio_0
0x14
Number of received frames classified to QoS class 0
and discarded by a policer.
Rx
c_rx_red_prio_1
0x15
Number of received frames classified to QoS class 1
and discarded by a policer.
Rx
c_rx_red_prio_2
0x16
Number of received frames classified to QoS class 2
and discarded by a policer.
Rx
c_rx_red_prio_3
0x17
Number of received frames classified to QoS class 3
and discarded by a policer.
Rx
c_rx_red_prio_4
0x18
Number of received frames classified to QoS class 4
and discarded by a policer
Rx
c_rx_red_prio_5
0x19
Number of received frames classified to QoS class 5
and discarded by a policer.
Rx
c_rx_red_prio_6
0x1A
Number of received frames classified to QoS class 6
and discarded by a policer.
Rx
c_rx_red_prio_7
0x1B
Number of received frames classified to QoS class 7
and discarded by a policer.
Rx
c_rx_yellow_prio_0
0x1C
Number of received frames classified to QoS class 0
and marked yellowby a policer
Rx
c_rx_yellow_prio_1
0x1D
Number of received frames classified to QoS class 1
and marked yellowby a policer
Rx
c_rx_yellow_prio_2
0x1E
Number of received frames classified to QoS class 2
and marked yellowby a policer
Rx
c_rx_yellow_prio_3
0x1F
Number of received frames classified to QoS class 3
and marked yellowby a policer
Rx
c_rx_yellow_prio_4
0x20
Number of received frames classified to QoS class 4
and marked yellowby a policer
Table 23 •
Receive Counters in the Statistics Block (continued)
Type
Short Name
Counter
Address Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com