công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSC7511 bảng dữ liệu(PDF) 58 Page - Microsemi Corporation

tên linh kiện VSC7511
Giải thích chi tiết về linh kiện  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 bảng dữ liệu(HTML) 58 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 54Page - Microsemi Corporation VSC7511 Datasheet HTML 55Page - Microsemi Corporation VSC7511 Datasheet HTML 56Page - Microsemi Corporation VSC7511 Datasheet HTML 57Page - Microsemi Corporation VSC7511 Datasheet HTML 58Page - Microsemi Corporation VSC7511 Datasheet HTML 59Page - Microsemi Corporation VSC7511 Datasheet HTML 60Page - Microsemi Corporation VSC7511 Datasheet HTML 61Page - Microsemi Corporation VSC7511 Datasheet HTML 62Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
43
Figure 15 •
Far-End Loopback
3.5.7.4
Near-End Loopback
When the near-end loopback testing feature is enabled (by setting PHY_CTRL.LOOPBACK_ENA to 1),
data on the transmit data pins (TXD) is looped back in the PCS block, onto the device receive data pins
(RXD), as shown in the following illustration. When using this testing feature, no data is transmitted over
the network.
Figure 16 •
Near-End Loopback
3.5.7.5
Connector Loopback
The connector loopback testing feature allows the twisted pair interface to be looped back externally.
When using the connector loopback feature, the PHY must be connected to a loopback connector or a
loopback cable. Pair A must be connected to pair B, and pair C to pair D, as shown in the following
illustration. The connector loopback feature functions at all available interface speeds.
Figure 17 •
Connector Loopback
When using the connector loopback testing feature, the device auto-negotiation, speed, and duplex
configuration is set using device registers 0, 4, and 9. For 1000BASE-T connector loopback, the
following additional writes are required, executed in the following steps:
1.
Enable the 1000BASE-T connector loopback. Set
PHY_CTRL_EXT2.CON_LOOPBACK_1000BT_ENA to 1.
2.
Disable pair swap correction. Set PHY_CTRL_EXT2.CON_LOOPBACK_1000BT_ENA to 1.
3.5.8
VeriPHY™ Cable Diagnostics
The integrated transceivers include a comprehensive suite of cable diagnostic functions that are
available through the on-board processor. These functions enable cable operating conditions and
status to be accessed and checked. The VeriPHY suite has the ability to identify the cable
length and operating conditions and to isolate common faults that can occur on the Cat5 twisted pair
cabling.
For the functional details of the VeriPHY suite and the operating instructions, see the ENT-AN0125,
PHY, Integrated PHY-Switch VeriPHY - Cable Diagnostics Feature Application Note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com