công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90LS8535-4AI bảng dữ liệu(PDF) 36 Page - ATMEL Corporation

tên linh kiện AT90LS8535-4AI
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AI bảng dữ liệu(HTML) 36 Page - ATMEL Corporation

Back Button AT90LS8535-4AI Datasheet HTML 32Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 33Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 34Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 35Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 36Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 37Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 38Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 39Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 127 page
background image
36
AT90S/LS8535
1041H–11/01
the counter on compareA match and actions on the Output Compare pins on both com-
pare matches.
Timer/Counter1 can also be used as an 8-, 9- or 10-bit Pulse Width Modulator. In this
mode the counter and the OCR1A/OCR1B registers serve as a dual glitch-free stand-
alone PWM with centered pulses. Refer to page 40 for a detailed description of this
function.
The Input Capture function of Timer/Counter1 provides a capture of the Timer/Counter1
contents to the Input Capture Register (ICR1), triggered by an external event on the
Input Capture Pin (ICP). The actual capture event settings are defined by the
Timer/Counter1 Control Register (TCCR1B). In addition, the Analog Comparator can be
set to trigger the input capture. Refer to “Analog Comparator” on page 66 for details on
this. The ICP pin logic is shown in Figure 32.
Figure 32. ICP Pin Schematic Diagram
If the Noise Canceler function is enabled, the actual trigger condition for the capture
event is monitored over four samples and all four must be equal to activate the capture
flag. The input pin signal is sampled at XTAL clock frequency.
Timer/Counter1 Control
Register A – TCCR1A
• Bits 7, 6 – COM1A1, COM1A0: Compare Output Mode1A, Bits 1 and 0
The COM1A1 and COM1A0 control bits determine any output pin action following a
compare match in Timer/Counter1. Any output pin actions affect pin OC1A (Output
CompareA pin 1). This is an alternative function to an I/O port and the corresponding
direction control bit must be set (one) to control an output pin. The control configuration
is shown in Table 11.
• Bits 5, 4 – COM1B1, COM1B0: Compare Output Mode1B, Bits 1 and 0
The COM1B1 and COM1B0 control bits determine any output pin action following a
compare match in Timer/Counter1. Any output pin actions affect pin OC1B (Output
CompareB). This is an alternative function to an I/O port and the corresponding direction
control bit must be set (one) to control an output pin. The control configuration is given in
Table 11.
Bit
7
6
5
4
3
2
1
0
$2F ($4F)
COM1A1
COM1A0
COM1B1
COM1B0
––
PWM11
PWM10
TCCR1A
Read/Write
R/W
R/W
R/W
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com