công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90LS8535-4AI bảng dữ liệu(PDF) 77 Page - ATMEL Corporation

tên linh kiện AT90LS8535-4AI
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AI bảng dữ liệu(HTML) 77 Page - ATMEL Corporation

Back Button AT90LS8535-4AI Datasheet HTML 73Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 74Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 75Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 76Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 77Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 78Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 79Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 80Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 127 page
background image
77
AT90S/LS8535
1041H–11/01
Port A as General Digital I/O
All eight pins in Port A have equal functionality when used as digital I/O pins.
PAn, general I/O pin: The DDAn bit in the DDRA register selects the direction of this pin.
If DDAn is set (one), PAn is configured as an output pin. If DDAn is cleared (zero), PAn
is configured as an input pin. If PORTAn is set (one) when the pin is configured as an
input pin, the MOS pull-up resistor is activated. To switch the pull-up resistor off, the
PORTAn has to be cleared (zero) or the pin has to be configured as an output pin.The
port pins are tri-stated when a reset condition becomes active, even if the clock is not
running.
Note:
n: 7,6…0, pin number.
Port A Schematics
Note that all port pins are synchronized. The synchronization latch is, however, not
shown in the figure.
Figure 51. Port A Schematic Diagrams (Pins PA0 - PA7)
Table 29. DDAn Effects on Port A Pins
DDAn
PORTAn
I/O
Pull-up
Comment
0
0
Input
No
Tri-state (high-Z)
0
1
Input
Yes
PAn will source current if ext. pulled low
1
0
Output
No
Push-pull Zero Output
1
1
Output
No
Push-pull One Output
D
D
Q
Q
RESET
RESET
C
C
WD
WP
RD
MOS
PULL-
UP
PAn
ADCn
TO ADC MUX
WP:
WD:
RL:
RP:
RD:
n:
WRITE PORTA
WRITE DDRA
READ PORTA LATCH
READ PORTA PIN
READ DDRA
0-7
DDAn
PORTAn
RL
RP
PWRDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com