công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90LS8535-4AI bảng dữ liệu(PDF) 72 Page - ATMEL Corporation

tên linh kiện AT90LS8535-4AI
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AI bảng dữ liệu(HTML) 72 Page - ATMEL Corporation

Back Button AT90LS8535-4AI Datasheet HTML 68Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 69Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 70Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 71Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 72Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 73Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 74Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 75Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 127 page
background image
72
AT90S/LS8535
1041H–11/01
2.
Enter Idle Mode. The ADC will start a conversion once the CPU has been halted.
3.
If no other interrupts occur before the ADC conversion completes, the ADC inter-
rupt will wake up the MCU and execute the ADC Conversion Complete Interrupt
routine.
ADC Multiplexer Select
Register – ADMUX
• Bits 7..3 – Res: Reserved Bits
These bits are reserved bits in the AT90S8535 and always read as zero.
• Bits 2..0 – MUX2..MUX0: Analog Channel Select Bits 2-0
The value of these three bits selects which analog input ADC7..0 is connected to the
ADC. See Table 27 for details.
If these bits are changed during a conversion, the change will not go into effect until this
conversion is complete (ADIF in ADCSR is set).
ADC Control and Status
Register – ADCSR
• Bit 7 – ADEN: ADC Enable
Writing a logical “1” to this bit enables the ADC. By clearing this bit to zero, the ADC is
turned off. Turning the ADC off while a conversion is in progress will terminate this
conversion.
• Bit 6 – ADSC: ADC Start Conversion
In Single Conversion Mode, a logical “1” must be written to this bit to start each conver-
sion. In Free Running Mode, a logical “1” must be written to this bit to start the first
conversion. The first time ADSC has been written after the ADC has been enabled or if
ADSC is written at the same time as the ADC is enabled, an extended conversion will
precede the initiated conversion. This extended conversion performs initialization of the
ADC.
Bit
765
432
10
$07 ($27)
–––
––
MUX2
MUX1
MUX0
ADMUX
Read/Write
R
R
R
R
R
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 27. Input Channel Selections
MUX2.0
Single-ended Input
000
ADC0
001
ADC1
010
ADC2
011
ADC3
100
ADC4
101
ADC5
110
ADC6
111
ADC7
Bit
765
432
10
$06 ($26)
ADEN
ADSC
ADFR
ADIF
ADIE
ADPS2
ADPS1
ADPS0
ADCSR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com