công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90LS8535-4AI bảng dữ liệu(PDF) 62 Page - ATMEL Corporation

tên linh kiện AT90LS8535-4AI
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS8535-4AI bảng dữ liệu(HTML) 62 Page - ATMEL Corporation

Back Button AT90LS8535-4AI Datasheet HTML 58Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 59Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 60Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 61Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 62Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 63Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 64Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 65Page - ATMEL Corporation AT90LS8535-4AI Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 127 page
background image
62
AT90S/LS8535
1041H–11/01
UART Control
UART I/O Data Register – UDR
The UDR register is actually two physically separate registers sharing the same I/O
address. When writing to the register, the UART Transmit Data register is written. When
reading from UDR, the UART Receive Data register is read.
UART Status Register – USR
The USR register is a read-only register providing information on the UART status.
• Bit 7 – RXC: UART Receive Complete
This bit is set (one) when a received character is transferred from the Receiver Shift reg-
ister to UDR. The bit is set regardless of any detected framing errors. When the RXCIE
bit in UCR is set, the UART Receive Complete interrupt will be executed when RXC is
set (one). RXC is cleared by reading UDR. When interrupt-driven data reception is used,
the UART Receive Complete Interrupt routine must read UDR in order to clear RXC,
otherwise a new interrupt will occur once the interrupt routine terminates.
• Bit 6 – TXC: UART Transmit Complete
This bit is set (one) when the entire character (including the stop bit) in the Transmit
Shift register has been shifted out and no new data has been written to UDR. This flag is
especially useful in half-duplex communications interfaces, where a transmitting appli-
cation must enter receive mode and free the communications bus immediately after
completing the transmission.
When the TXCIE bit in UCR is set, setting of TXC causes the UART Transmit Complete
interrupt to be executed. TXC is cleared by hardware when executing the corresponding
interrupt handling vector. Alternatively, the TXC bit is cleared (zero) by writing a logical
“1” to the bit.
• Bit 5 – UDRE: UART Data Register Empty
This bit is set (one) when a character written to UDR is transferred to the Transmit Shift
register. Setting of this bit indicates that the transmitter is ready to receive a new charac-
ter for transmission.
When the UDRIE bit in UCR is set, the UART Transmit Complete interrupt to be exe-
cuted as long as UDRE is set. UDRE is cleared by writing UDR. When interrupt-driven
data transmission is used, the UART Data Register Empty Interrupt routine must write
UDR in order to clear UDRE, otherwise a new interrupt will occur once the interrupt rou-
tine terminates.
UDRE is set (one) during reset to indicate that the transmitter is ready.
• Bit 4 – FE: Framing Error
This bit is set if a Framing Error condition is detected, i.e., when the stop bit of an incom-
ing character is zero.
Bit
765
432
10
$0C ($2C)
MSB
LSB
UDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
765
432
10
$0B ($2B)
RXC
TXC
UDRE
FE
OR
––
–
USR
Read/Write
R
R/W
R
R
R
R
R
R
Initial Value
0
0
1
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com