công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

82801E bảng dữ liệu(PDF) 50 Page - Intel Corporation

tên linh kiện 82801E
Giải thích chi tiết về linh kiện  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

82801E bảng dữ liệu(HTML) 50 Page - Intel Corporation

Back Button 82801E Datasheet HTML 46Page - Intel Corporation 82801E Datasheet HTML 47Page - Intel Corporation 82801E Datasheet HTML 48Page - Intel Corporation 82801E Datasheet HTML 49Page - Intel Corporation 82801E Datasheet HTML 50Page - Intel Corporation 82801E Datasheet HTML 51Page - Intel Corporation 82801E Datasheet HTML 52Page - Intel Corporation 82801E Datasheet HTML 53Page - Intel Corporation 82801E Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
Intel® 82801E C-ICH
50
Advance Information Datasheet
3.3.2.2
Test Straps
• The 82801E C-ICH’s TP[0] (Test Point) signal must be pulled to Vcc3_3 with an external
pull-up resistor.
• The 82801E C-ICH’s TP[1] must be routed to a test point with an option to jumper to Vcc1_8.
This test point is used for NAND tree testing. Otherwise jumper to Vcc1_8.
• The 82801E C-ICH’s TP[2] must be routed to a test point with an option to jumper to VSS.
This test point is used for NAND tree testing. Otherwise jumper to VSS.
• The 82801E C-ICH’s TP[3] must be routed to a test point with an option to jumper to VSS.
This test point is used for NAND tree testing. Otherwise jumper to VSS.
3.3.3
External RTC Circuitry
To reduce RTC well power consumption, the 82801E C-ICH implements an internal oscillator
circuit that is sensitive to step voltage changes in VccRTC and VBIAS. Figure 7 shows a schematic
diagram of the circuitry required to condition these voltages to ensure correct operation of the
82801E C-ICH RTC.
8
All “Z”
9–24
Reserved. DO NOT ATTEMPT
>24
No Test Mode Selected
Table 28. Test Mode Selection
Number of PCI Clocks RTCRST# driven low after PWROK active
Test Mode
Figure 7. Required External RTC Circuit
C3
12.5 pF
3.3V
VCCSUS
1 k
Ω
Vbatt
1 k
Ω
C1
0.047 uF
32768 Hz
Xtal
R1
10 M
Ω
R2
10 M
Ω
C2
12.5 pF
1
µF
VCCRTC
RTCX2
RTCX1
VBIAS
VSSRTC
Note: Capacitor C2 and C3 values are crystal-dependent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com