công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

82801E bảng dữ liệu(PDF) 43 Page - Intel Corporation

tên linh kiện 82801E
Giải thích chi tiết về linh kiện  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

82801E bảng dữ liệu(HTML) 43 Page - Intel Corporation

Back Button 82801E Datasheet HTML 39Page - Intel Corporation 82801E Datasheet HTML 40Page - Intel Corporation 82801E Datasheet HTML 41Page - Intel Corporation 82801E Datasheet HTML 42Page - Intel Corporation 82801E Datasheet HTML 43Page - Intel Corporation 82801E Datasheet HTML 44Page - Intel Corporation 82801E Datasheet HTML 45Page - Intel Corporation 82801E Datasheet HTML 46Page - Intel Corporation 82801E Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
43
3.2.11
Processor Interface
Table 17. Processor Interface Signals (Sheet 1 of 2)
Name
Type
Description
A20M#
O
Mask A20: A20M# goes active based on setting the appropriate bit in the Port 92h
register, or based on the A20GATE signal.
Speed Strap: During the reset sequence, 82801E C-ICH drives A20M# high if the
corresponding bit is set in the FREQ_STRP register.
CPUSLP#
O
Processor Sleep: This signal puts the processor into a state that saves
substantial power compared to Stop-Grant state. However, during that time, no
snoops occur. The 82801E C-ICH can optionally assert the CPUSLP# signal when
going to the S1 state.
NOTE: The 82801E C-ICH does not support Sleep states. This signal must be
pulled up through an 8.2 K
Ω resistor to 3.3 V.
FERR#
I
Numeric Coprocessor Error: This signal is tied to the coprocessor error signal
on the processor. FERR# is only used if the 82801E C-ICH coprocessor error
reporting function is enabled in the General Control Register (Device 31:Function
0, Offset D0, bit 13). If FERR# is asserted, the 82801E C-ICH generates an
internal IRQ13 to its interrupt controller unit. It is also used to gate the IGNNE#
signal to ensure that IGNNE# is not asserted to the processor unless FERR# is
active. FERR# requires an external weak pull-up to ensure a high level when the
coprocessor error function is disabled.
IGNNE#
O
Ignore Numeric Error: This signal is connected to the ignore error pin on the
processor. IGNNE# is only used if the 82801E C-ICH coprocessor error reporting
function is enabled in the General Control Register (Device 31:Function 0, Offset
D0, bit 13). If FERR# is active, indicating a coprocessor error, a write to the
Coprocessor Error Register (F0h) causes the IGNNE# to be asserted. IGNNE#
remains asserted until FERR# is negated. If FERR# is not asserted when the
Coprocessor Error Register is written, the IGNNE# signal is not asserted.
Speed Strap: During the reset sequence, 82801E C-ICH drives IGNNE# high if
the corresponding bit is set in the FREQ_STRP register.
INIT#
O
Initialization: INIT# is asserted by the 82801E C-ICH for 16 PCI clocks to reset
the processor. 82801E C-ICH can be configured to support processor BIST. In that
case, INIT# will be active when PCIRST# is active.
INTR
O
Processor Interrupt: INTR is asserted by the 82801E C-ICH to signal the
processor that an interrupt request is pending and needs to be serviced. It is an
asynchronous output and normally driven low.
Speed Strap: During the reset sequence, 82801E C-ICH drives INTR high if the
corresponding bit is set in the FREQ_STRP register.
NMI
O
Non-Maskable Interrupt: NMI is used to force a non-maskable interrupt to the
processor. The 82801E C-ICH can generate an NMI when either SERR# or
IOCHK# is asserted. The processor detects an NMI when it detects a rising edge
on NMI. NMI is reset by setting the corresponding NMI source enable/disable bit in
the NMI Status and Control Register.
Speed Strap: During the reset sequence, 82801E C-ICH drives NMI high if the
corresponding bit is set in the FREQ_STRP register.
SMI#
O
System Management Interrupt: SMI# is an active low output synchronous to
PCICLK. It is asserted by the 82801E C-ICH in response to one of many enabled
hardware or software events.
STPCLK#
O
Stop Clock Request: STPCLK# is an active low output synchronous to PCICLK.
It is asserted by the 82801E C-ICH in response to one of many hardware or
software events. When the processor samples STPCLK# asserted, it responds by
stopping its internal clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com