công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

82801E bảng dữ liệu(PDF) 68 Page - Intel Corporation

tên linh kiện 82801E
Giải thích chi tiết về linh kiện  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

82801E bảng dữ liệu(HTML) 68 Page - Intel Corporation

Back Button 82801E Datasheet HTML 64Page - Intel Corporation 82801E Datasheet HTML 65Page - Intel Corporation 82801E Datasheet HTML 66Page - Intel Corporation 82801E Datasheet HTML 67Page - Intel Corporation 82801E Datasheet HTML 68Page - Intel Corporation 82801E Datasheet HTML 69Page - Intel Corporation 82801E Datasheet HTML 70Page - Intel Corporation 82801E Datasheet HTML 71Page - Intel Corporation 82801E Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 84 page
background image
Intel® 82801E C-ICH
68
Advance Information Datasheet
Table 49. IOAPIC Bus Timing
Sym
Parameter
Min
Max
Units
Notes
Fig
t120
APICCD[1:0]# Valid Delay from APICCLK Rising
3.0
12.0
ns
10
t121
APICCD[1:0]# Setup Time to APICCLK Rising
8.5
ns
11
t122
APICCD[1:0]# Hold Time from APICCLK Rising
3.0
ns
11
Table 50. SMBus Timing
Sym
Parameter
Min
Max
Units
Notes
Fig
t130
Bus Tree Time Between Stop and Start Condition
4.7
µs
24
t131
Hold Time after (repeated) Start Condition. After this
period, the first clock is generated.
4.0
µs
24
t132
Repeated Start Condition Setup Time
4.7
µs
24
t133
Stop Condition Setup Time
4.0
µs
24
t134
Data Hold Time
300
ns
24
t135
Data Setup Time
250
ns
24
t136
Device Time Out
25
35
ms
1
t137
Cumulative Clock Low Extend Time (slave device)
25
ms
2
25
t138
Cumulative Clock Low Extend Time (master device)
10
ms
3
25
NOTES:
1. A device will time out when any clock low exceeds this value.
2. t137 is the cumulative time a slave device is allowed to extend the clock cycles in one message from the
initial start to stop. If a slave device exceeds this time, it is expected to release both its clock and data lines
and reset itself.
3. t138 is the cumulative time a master device is allowed to extend its clock cycles within each byte of a
message as defined from start-to-ack, ack-to-ack or ack-to-stop.
Table 51. SIU LPC and Serial IRQ Timings
Sym
Parameter
Min
Max
Units
Notes
Fig
t150a
SIU_LAD[3:0]/SIU_SERIRQ Valid Delay from
SIU_LCLK Rising
211
ns
10
t151a
SIU_LAD[3:0]/SIU_SERIRQ Output Enable Delay from
SIU_LCLK Rising
2ns
14
t152a
SIU_LAD[3:0]/SIU_SERIRQ Float Delay from
SIU_LCLK Rising
28
ns
12
t153a
SIU_LAD[3:0]/SIU_SERIRQ Setup Time to SIU_LCLK
Rising
7ns
11
t154a
SIU_LAD[3:0]/SIU_SERIRQ Hold Time from SIU_LCLK
Rising
0ns
11
t155a
SIU_LDRQ# Valid Delay from SIU_LCLK Rising
2
11
ns
10
t157a
SIU_LFRAME# Setup Time to SIU_LCLK Rising
7
ns
11
t157b
SIU_LAD[3:0] Hold Time from SIU_LCLK Rising
0
ns
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com