công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIFE32251B-R47MS bảng dữ liệu(PDF) 90 Page - Texas Instruments

tên linh kiện PIFE32251B-R47MS
Giải thích chi tiết về linh kiện  PMIC for Intel Apollo Lake Platform
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R47MS bảng dữ liệu(HTML) 90 Page - Texas Instruments

Back Button PIFE32251B-R47MS Datasheet HTML 86Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 87Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 88Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 89Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 90Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 91Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 92Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 93Page - Texas Instruments PIFE32251B-R47MS Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 96 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
8-Mar-2019
Addendum-Page 2
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96