| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56857 bảng dữ liệu(PDF) 543 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 bảng dữ liệu(HTML) 543 Page - Freescale Semiconductor, Inc |
|
543 / 662 page ![]() Application: Date: Programmer: Sheet Appendix B - Programmer’s Sheets, Rev. 4 Freescale Semiconductor B-41 21 of 24 ITCN Fast Interrupt 1 Vector Address Low and High 1 (FIVAL1, FIVAH1) Bits Name Description 15 - 0 FIVAL1 Fast Interrupt 1 Vector Address Low This register is combined with the FIVAH1 register to form A21-bit vector address for the fast interrupt defined in the FIVAL1 and FIVAH1 registers. Lower 16 bits of vector address for fast interrupt 1. Fast Interrupt 1 Vector Address Low (FIVAL1) $1FFF20 + $E Bits 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read FAST INTERRUPT 1 VECTOR ADDRESS LOW Write Reset 000 0000 0000 0000 0 Bits Name Description 4 - 0 FIVAH1 Fast Interrupt 1 Vector Address High This register is combined with the FIVAL1 register to form A 21-bit vector address for the fast interrupt defined in the FIVAL1 and FIVAH1 registers. Upper 5 bits of vector address for fast interrupt 1. Fast Interrupt 1 Vector Address High (FIVAH1) $1FFF20 + $F Bits 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read 0 0 0 0 0 0 0 0 0 0 0 FAST INTERRUPT 1 VECTOR ADDRESS HIGH Write Reset 0000 0000 0000 000 0 denotes Reserved Bits |