| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56857 bảng dữ liệu(PDF) 494 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 bảng dữ liệu(HTML) 494 Page - Freescale Semiconductor, Inc |
|
494 / 662 page ![]() 5685x Digital Signal Controller User Manual, Rev. 4 A-8 Freescale Semiconductor HSR Host Interface Status Register HTDE Host Transmit Data Empty Bit HTIE Host Transmit Interrupt Enable Bit HTRQ Host Transmit Request Bit HTX Host Transmit Data Register HV Host Vector Bits IA Interrupt Assert IC Integrated Circuit ICR Interface Control Register IE Interrupt Enable IEE Intelligent Erase Enable IEF Input Edge Flag IEFIE Input Edge Flag Interrupt Enable IENR Interrupt Enable Register IES Interrupt Edge Sensitive IFREN Information Block Enable IMR Input Monitor Register INDEP Independent or Complimentary Pair Operation INDEX Index Input INIT Initialize Bit INPUT External Input Signal INV Invert I/O Input/Output IP Interrupt Pending IPBus Intellectual Properties Bus IPE Intelligent Program Enable IPOL Current Polarity IPOLR Interrupt Polarity Register IPBBA Interrupt Properties Bus Bridge Address IPBB Interrupt Pending Bus Bridge IPR Interrupt Pending Register (in GPIO) IPR Interrupt Priority Register (in the Core) |