| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DSP56857 bảng dữ liệu(PDF) 434 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 bảng dữ liệu(HTML) 434 Page - Freescale Semiconductor, Inc |
|
434 / 662 page ![]() DSC Side Register Descriptions (HI8_BASE = $1FFFD8) 5685X Digital Signal Controller User Manual, Rev. 4 16-8 Freescale Semiconductor 16.6 DSC Side Register Descriptions (HI8_BASE = $1FFFD8) HI8 contains four DSC Side Interface registers outlined in Table 16-2. Table 16-2. DSC Side Host Registers (HI_BASE =$1FFFD8) Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 HCR Control Register Read/Write Section 16.8.1 Base + $1 HSR Status Register Read/Write Section 16.8.2 Base + $2 HTX Transmit Data Register Write-only Section 16.8.3 Base + $2 HRX Receive Data Register Read-only Section 16.8.4 Add. Offset Register Name 15 14 13 12 11 10 98765 4321 0 $0 HCR R 0 0 0 0 0 0 0 HRMS HDDS TDMAEN RDMAEN HF3 HF2 HCIE HTIE HRIE W 0 0 0 0 0 0 0 $1 HSR R 0 0 0 0 0 0 0 0 0 0 HDMA HF1 HF0 HCP HTDE HRDF W 0 0 0 0 0 0 0 0 0 0 $2 HTX R W HIGH BYTE (FROM HRX) LOW BYTE (FROM LRX) $2 HRX R HIGH BYTE (FROM HTX) LOW BYTE (FROM LTX) W R 0 Read as 0 W Reserved Figure 16-2. DSC Host Side Register Map Summary |