công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6752DBEVAL1Z bảng dữ liệu(PDF) 16 Page - Renesas Technology Corp

tên linh kiện ISL6752DBEVAL1Z
Giải thích chi tiết về linh kiện  ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6752DBEVAL1Z bảng dữ liệu(HTML) 16 Page - Renesas Technology Corp

Back Button ISL6752DBEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 14Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 15Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 16Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 17Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
ISL6752
FN9181 Rev 4.00
Page 16 of 18
August 1, 2016
Setting VADJ to VREF/2 results in no delay on any output. The no
delay voltage has a ±75mV tolerance window. Control voltages
below the VREF/2 zero delay threshold cause the PWM outputs,
OUTLL/LR, to be delayed. Control voltages greater than the
VREF/2 zero delay threshold cause the SR outputs, OUTLLN/LRN,
to be delayed. It should be noted that when the PWM outputs,
OUTLL/LR, are delayed, the CS to output propagation delay is
increased by the amount of the added delay.
The delay feature is provided to compensate for mismatched
propagation delays between the PWM and SR outputs as may be
experienced when one set of signals crosses the
primary-secondary isolation boundary. If required, individual
output pulses may be stretched or compressed as required using
external resistors, capacitors and diodes.
When the PWM outputs are delayed, the 50% upper outputs are
equally delayed, thus the resonant delay setting is unaffected.
On/Off Control
The ISL6753 does not have a separate enable/disable control
pin. The PWM outputs, OUTLL/OUTLR, may be disabled by pulling
VERR to ground. Doing so reduces the duty cycle to zero, but the
upper 50% duty cycle outputs, OUTUL/OUTUR, will continue
operation. Likewise, the SR outputs OUTLLN/OUTLRN will be
active high.
If the application requires that all outputs be off, then the supply
voltage, VDD, must be removed from the IC. This may be
accomplished as shown in Figure 19.
Fault Conditions
A fault condition occurs if VREF or VDD fall below their
undervoltage lockout (UVLO) thresholds or if the thermal
protection is triggered. When a fault is detected the outputs are
disabled low. When the fault condition clears the outputs are
re-enabled.
An overcurrent condition is not considered a fault and does not
result in a shutdown.
Thermal Protection
Internal die over-temperature protection is provided. An
integrated temperature sensor protects the device should the
junction temperature exceed +140°C. There is approximately
+15°C of hysteresis.
Ground Plane Requirements
Careful layout is essential for satisfactory operation of the device.
A good ground plane must be employed. VDD and VREF should
be bypassed directly to GND with good high frequency
capacitance.
References
[1] Ridley, R., “A New Continuous-Time Model for Current Mode
Control”, IEEE Transactions on Power Electronics, Vol. 6, No.
2, April 1991.
FIGURE 21. WAVEFORM TIMING WITH SR OUTPUTS DELAYED,
2.575V < VADJ < 5.0V
CT
OUTLL
OUTLR
OUTLLN
(SR1)
OUTLRN
(SR2)
FIGURE 22. ON/OFF CONTROL USING VDD
VERR
OUTLL
RTD
OUTLRN
OUTLLN
VREF
OUTUR
CTBUF
CT
OUTUL
RESDEL
OUTLR
VADJ
VDD
CS
GND
+VDD
ON/OFF
(OPEN = OFF
GND = ON)
ISL6752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com