công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6752DBEVAL1Z bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp

tên linh kiện ISL6752DBEVAL1Z
Giải thích chi tiết về linh kiện  ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6752DBEVAL1Z bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6752DBEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ISL6752
FN9181 Rev 4.00
Page 10 of 18
August 1, 2016
be set lower than 2V to ensure that the lower FETs, at
maximum duty cycle, are OFF prior to the switching of the
upper FETs.
OUTLL and OUTLR - These outputs control the lower bridge FETs,
are pulse width modulated, and operate in alternate sequence.
OUTLL controls the lower left FET and OUTLR controls the lower
right FET. The left and right designation may be switched as long
as they are switched in conjunction with the upper FET outputs,
OUTUL and OUTUR.
OUTLLN and OUTLRN - These outputs are the complements of
the PWM (lower) bridge FETs. OUTLLN is the complement of
OUTLL and OUTLRN is the complement of OUTLR. These
outputs are suitable for control of synchronous rectifiers. The
phase relationship between each output and its complement
is controlled by the voltage applied to VADJ.
VADJ - A 0V to 5.0V control voltage applied to this input sets
the relative delay or advance between OUTLL/OUTLR and
OUTLLN/OUTLRN. The phase relationship between
OUTUL/OUTUR and OUTLL/OUTLR is maintained regardless of
the phase adjustment between OUTLL/OUTLR and
OUTLLN/OUTLRN.
Voltages below 2.425V result in OUTLLN/OUTLRN being
advanced relative to OUTLL/OUTLR. Voltages above 2.575V
result in OUTLLN/OUTLRN being delayed relative to
OUTLL/OUTLR. A voltage of 2.50V ±75mV results in zero phase
difference. A weak internal 50% divider from VREF results in
no phase delay if this input is left floating.
The range of phase delay/advance is either zero or 40ns to
300ns with the phase differential increasing as the voltage
deviation from 2.5V increases. The relationship between the
control voltage and phase differential is non-linear. The gain
(
t/V) is low for control voltages near 2.5V and rapidly
increases as the voltage approaches the extremes of the
control range. This behavior provides the user increased
accuracy when selecting a shorter delay/advance duration.
When the PWM outputs are delayed relative to the SR outputs
(VADJ < 2.425V), the delay time should not exceed 90% of the
dead time as determined by RTD and CT.
VERR - The control voltage input to the inverting input of the
PWM comparator. The output of an external Error Amplifier
(EA) is applied to this input, either directly or through an
opto-coupler, for closed loop regulation. VERR has a nominal
1mA pull-up current source.
CTBUF - CTBUF is the buffered output of the sawtooth oscillator
waveform present on CT and is capable of sourcing 2mA. It is
offset from ground by 0.40V and has a nominal valley-to-peak
gain of 2. It may be used for slope compensation.
Functional Description
Features
The ISL6752 PWM is an excellent choice for low cost ZVS
full-bridge applications requiring adjustable synchronous
rectifier drive. With its many protection and control features, a
highly flexible design with minimal external components is
possible. Among its many features are a very accurate
overcurrent limit threshold, thermal protection, a buffered
sawtooth oscillator output suitable for slope compensation,
synchronous rectifier outputs with variable delay/advance
timing, and adjustable frequency.
If synchronous rectification is not required, please consider the
ISL6753 controller.
Oscillator
The ISL6752 has an oscillator with a programmable frequency
range to 2MHz, which can be programmed with a resistor and
capacitor.
The switching period is the sum of the timing capacitor charge
and discharge durations. The charge duration is determined by
CT and a fixed 200µA internal current source. The discharge
duration is determined by RTD and CT.
Where tC and tD are the charge and discharge times,
respectively, CT is the timing capacitor in Farads, RTD is the
discharge programming resistance in ohms, tSW is the
oscillator period, and fSW is the oscillator frequency. One
output switching cycle requires two oscillator cycles. The
actual times will be slightly longer than calculated due to
internal propagation delays of approximately 10ns/transition.
This delay adds directly to the switching duration, but also
causes overshoot of the timing capacitor peak and valley
voltage thresholds, effectively increasing the peak-to-peak
voltage on the timing capacitor. Additionally, if very small
discharge currents are used, there will be increased error due
to the input impedance at the CT pin. The maximum
recommended current through RTD is 1mA, which produces a
CT discharge current of 20mA.
The maximum duty cycle, D, and percent dead time, DT, can be
calculated from Equations 4 and 5:
tC 11.5 10
3 CT
S
(EQ. 1)
tD 0.06 RTD CT

 50 10
9
–
+
S
(EQ. 2)
tSW
tC tD
+
1
fSW
----------
==
S
(EQ. 3)
D
tC
tSW
----------
=
(EQ. 4)
DT
1 D
–
=
(EQ. 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com