công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6752DBEVAL1Z bảng dữ liệu(PDF) 11 Page - Renesas Technology Corp

tên linh kiện ISL6752DBEVAL1Z
Giải thích chi tiết về linh kiện  ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6752DBEVAL1Z bảng dữ liệu(HTML) 11 Page - Renesas Technology Corp

Back Button ISL6752DBEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 14Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ISL6752
FN9181 Rev 4.00
Page 11 of 18
August 1, 2016
Implementing Soft-Start
The ISL6752 does not have a soft-start feature. Soft-start can
be implemented externally using the components shown in
Figure 5. The RC network governs the rate of rise of the
transistor’s base, which clamps the voltage at VERR.
The values of R and C should be selected to control the rate of
rise of VERR to the desired soft-start duration. The soft-start
duration may be calculated from Equation 6.
Where VSS is the soft-start clamp voltage, Vbe is the base
emitter voltage drop of the transistor, and
 is the DC gain of
the transistor. If
 is sufficiently large, that term may be
ignored. The Schottky diode discharges the soft-start capacitor
so that the circuit may be reset quickly.
Gate Drive
The ISL6752 outputs are capable of sourcing and sinking
10mA (at rated VOH, VOL) and are intended to be used in
conjunction with integrated FET drivers or discrete bipolar
totem pole drivers. The typical ON-resistance of the outputs is
50Ω.
Overcurrent Operation
The cycle-by-cycle peak current control results in
pulse-by-pulse duty cycle reduction when the current feedback
signal exceeds 1.0V. When the peak current exceeds the
threshold, the active output pulse is immediately terminated.
This results in a well controlled decrease in output voltage as
the load current increases beyond the current limit threshold.
The ISL6752 will operate continuously in an overcurrent
condition.
The propagation delay from CS exceeding the current limit
threshold to the termination of the output pulse is increased by
the Leading Edge Blanking (LEB) interval. The effective delay is
the sum of the two delays and is nominally 105ns.
Slope Compensation
Peak current-mode control requires slope compensation to
improve noise immunity, particularly at lighter loads, and to
prevent current loop instability, particularly for duty cycles
greater than 50%. Slope compensation may be accomplished
by summing an external ramp with the current feedback signal
or by subtracting the external ramp from the voltage feedback
error signal. Adding the external ramp to the current feedback
signal is the more popular method.
From the small signal current-mode model [1] it can be shown
that the naturally-sampled modulator gain, Fm, without slope
compensation, is expressed in Equation 7:
Where Sn is the slope of the sawtooth signal and tSW is the
duration of the half-cycle. When an external ramp is added, the
modulator gain becomes Equation 8:
Where Se is slope of the external ramp and:
The criteria for determining the correct amount of external
ramp can be determined by appropriately setting the damping
factor of the double-pole located at half the oscillator
frequency. The double-pole will be critically damped if the
Q-factor is set to 1, and over-damped for Q > 1, and
under-damped for Q < 1. An under-damped condition can
result in current loop instability.
Where D is the percent of on-time during a half cycle. Setting
Q = 1 and solving for Se yields in Equation 11:
Since Sn and Se are the on-time slopes of the current ramp
and the external ramp, respectively, they can be multiplied by
tON to obtain the voltage change that occurs during tON.
Where Vn is the change in the current feedback signal during
the on-time and Ve is the voltage that must be added by the
external ramp.
Vn can be solved for in terms of input voltage, current
transducer components, and output inductance yielding in
Equation 13:
FIGURE 8. IMPLEMENTING SOFT-START
VREF
1
2
4
3
5
6
7
89
1
0
1
1
1
2
1
3
1
4
1
5
1
6
ISL6752
VERR
R
C
tRC
–
1
VSS Vbe
–
VREF
0.001R
-------------------
+
-------------------------------------------
–




ln
=
S
(EQ. 6)
Fm
1
SntSW
------------------
=
(EQ. 7)
Fm
1
Sn Se
+
t
SW
------------------------------------
1
mcSntSW
--------------------------
==
(EQ. 8)
mc
1
Se
Sn
-------
+
=
(EQ. 9)
Q
1
 m
c 1D
–
 0.5
–

-------------------------------------------------
=
(EQ. 10)
Se
Sn
1
--- 0.5
+

 1
1D
–
------------- 1
–


=
(EQ. 11)
Ve
Vn
1
--- 0.5
+

 1
1D
–
------------- 1
–


=
(EQ. 12)
Ve
tSW V
O
RCS
NCT LO
----------------------------------------
NS
NP
--------
1
--- D0.5
–
+


=
V
(EQ. 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com