công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6752DBEVAL1Z bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện ISL6752DBEVAL1Z
Giải thích chi tiết về linh kiện  ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6752DBEVAL1Z bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  ISL6752DBEVAL1Z Datasheet HTML 1Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FN9181 Rev 4.00
Page 1 of 18
August 1, 2016
FN9181
Rev 4.00
August 1, 2016
ISL6752
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier
Control
DATASHEET
The ISL6752 is a high-performance, low-pin count alternative
Zero-Voltage Switching (ZVS) full-bridge PWM controller. Like
Intersil’s ISL6551, it achieves ZVS operation by driving the upper
bridge FETs at a fixed 50% duty cycle while the lower bridge FETs
are trailing-edge modulated with adjustable resonant switching
delays. Compared to the more familiar phase-shifted control
method, this algorithm offers equivalent efficiency and improved
overcurrent and light load performance with less complexity in a
lower pin count package.
The ISL6752 features complemented PWM outputs for
Synchronous Rectifier (SR) control. The complemented
outputs may be dynamically advanced or delayed relative to
the PWM outputs using an external control voltage.
This advanced BiCMOS design features precision dead time
and resonant delay control and an oscillator adjustable to
2MHz operating frequency. Additionally, multi-pulse
suppression ensures alternating output pulses at low duty
cycles where pulse skipping may occur.
Related Literature
• AN1262, “Designing with the ISL6752, ISL6753 ZVS
Full-Bridge Controllers”
• AN1603, “ISL6752/54EVAL1Z ZVS DC/DC Power Supply
with Synchronous Rectifiers User Guide”
• AN1619, “Designing with ISL6752DBEVAL1Z and
ISL6754DBEVAL1Z Control Cards”
Features
• Adjustable resonant delay for ZVS operation
• Synchronous rectifier control outputs with adjustable
delay/advance
•Current-mode control
• 3% current limit threshold
• Adjustable dead time control
• 175µA start-up current
• Supply UVLO
• Adjustable oscillator frequency up to 2MHz
• Internal over-temperature protection
• Buffered oscillator sawtooth output
• Fast current sense to output delay
• Adjustable cycle-by-cycle peak current limit
• 70ns leading edge blanking
• Multi-pulse suppression
• Pb-free (RoHS compliant)
Applications
• ZVS full-bridge converters
• Telecom and datacom power
• Wireless base station power
• File server power
• Industrial power systems
Pin Configuration
ISL6752
(16 LD QSOP)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VADJ
VREF
VERR
CTBUF
RTD
RESDEL
CS
CT
VDD
OUTLR
OUTUL
OUTUR
OUTLLN
OUTLRN
GND
OUTLL


Số phần tương tự - ISL6752DBEVAL1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL6752 INTERSIL-ISL6752 Datasheet
447Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
April 4, 2006
ISL6752 INTERSIL-ISL6752 Datasheet
466Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752 INTERSIL-ISL6752 Datasheet
466Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
logo
Renesas Technology Corp
ISL6752 RENESAS-ISL6752 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL6752 INTERSIL-ISL6752 Datasheet
463Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
More results

Mô tả tương tự - ISL6752DBEVAL1Z

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL6752 INTERSIL-ISL6752_06 Datasheet
447Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
April 4, 2006
ISL6754 INTERSIL-ISL6754 Datasheet
539Kb / 19P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
ISL6752 INTERSIL-ISL6752 Datasheet
466Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL78223 INTERSIL-ISL78223 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
January 2, 2013
ISL6752AAZA-T INTERSIL-ISL6752AAZA-T Datasheet
466Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
463Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
ISL6754AAZA INTERSIL-ISL6754AAZA Datasheet
536Kb / 19P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
logo
Renesas Technology Corp
ISL6754 RENESAS-ISL6754 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL6755 RENESAS-ISL6755 Datasheet
804Kb / 17P
ZVS Full-Bridge PWM Controller with Average Current Limit
ISL78223 RENESAS-ISL78223 Datasheet
1Mb / 20P
ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com