công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6752DBEVAL1Z bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp

tên linh kiện ISL6752DBEVAL1Z
Giải thích chi tiết về linh kiện  ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6752DBEVAL1Z bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp

Back Button ISL6752DBEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ISL6752
FN9181 Rev 4.00
Page 7 of 18
August 1, 2016
Maximum Duty Cycle (Per Half-Cycle)
VERR = 4.20V, VCS = 0V (Note 7)-
94
-
%
RTD = 2.0kΩ, CT = 220pF
-
97
-
%
RTD = 2.0kΩ CT = 470pF
-
99
-
%
Zero Duty Cycle VERR Voltage
0.85
-
1.20
V
VERR to PWM Comparator Input Offset
TA = +25°C
0.7
0.8
0.9
V
VERR to PWM Comparator Input Gain
0.31
0.33
0.35
V/V
Common-Mode (CM) Input Range
(Note 6)0
-
4.45
V
OSCILLATOR
Frequency Accuracy, Overall
(Note 6)
165
183
201
kHz
-10
-
10
%
Frequency Variation with VDD
TA = +25°C, (F20V- - F10V)/F10V
-0.3
1.7
%
Temperature Stability
VDD = 10V, |F-40°C - F0°C|/F0°C
-4.5
-
%
|F0°C - F105°C|/F25°C (Note 6)-
1.5
-
%
Charge Current
TA = +25°C
-193
-200
-207
µA
Discharge Current Gain
19
20
23
µA/µA
CT Valley Voltage
Static Threshold
0.75
0.80
0.88
V
CT Peak Voltage
Static Threshold
2.75
2.80
2.88
V
CT Peak-to-Peak Voltage
Static Value
1.92
2.00
2.05
V
RTD Voltage
1.97
2.00
2.03
V
RESDEL Voltage Range
0
-
2.00
V
CTBUF Gain (VCTBUFp-p/VCTp-p)VCT = 0.8V, 2.6V
1.95
2.0
2.05
V/V
CTBUF Offset from GND
VCT = 0.8V
0.34
0.40
0.44
V
CTBUF VOH
V(ILOAD = 0mA, ILOAD = -2mA),
VCT = 2.6V
-
-
0.10
V
CTBUF VOL
V(ILOAD = 2mA, ILOAD = 0mA),
VCT = 0.8V
-
-
0.10
V
OUTPUT
High Level Output Voltage (VOH)IOUT = -10mA, VDD to VOH
-0.5
1.0
V
Low Level Output Voltage (VOL)IOUT = 10mA, VOL to GND
-
0.5
1.0
V
Rise Time
COUT = 220pF, VDD = 15V (Note 6)
-
110
200
ns
Fall Time
COUT = 220pF, VDD = 15V (Note 6)
-
90
150
ns
UVLO Output Voltage Clamp
VDD = 7V, ILOAD = 1mA (Note 8)-
-
1.25
V
Output Delay/Advance Range
OUTLLN/OUTLRN relative to OUTLL/OUTLR
VADJ = 2.50V (Note 6)-
-
3
ns
VADJ < 2.425V
-40
-
-300
ns
VADJ > 2.575V
40
-
300
ns
Delay/Advance Control Voltage Range
OUTLLN/OUTLRN relative to OUTLL/OUTLR
OUTLxN Delayed
2.575
-
5.000
V
OUTLxN Advanced
0
-
2.425
V
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram” on page 3
and “typical application on Figure 2 on page 4 and Figure 3 on page 5. 9V < VDD < 20V, RTD = 10.0kΩ CT = 470pF, TA = -40°C to +105°C, Typical values
are at TA = +25°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 10)TYP
MAX
(Note 10)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com