công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6752DBEVAL1Z bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp

tên linh kiện ISL6752DBEVAL1Z
Giải thích chi tiết về linh kiện  ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6752DBEVAL1Z bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp

Back Button ISL6752DBEVAL1Z Datasheet HTML 2Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 3Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ISL6752
FN9181 Rev 4.00
Page 6 of 18
August 1, 2016
Absolute Maximum Ratings (Note 5)
Thermal Information
Supply Voltage, VDD. . . . . . . . . . . . . . . . . . . . . . . . . . (GND - 0.3V) to +20.0V
OUTxxx . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .(GND - 0.3V) to VDD
Signal Pins. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (GND - 0.3V) to VREF + 0.3V
VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (GND - 0.3V) to 6.0V
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.1A
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +105°C
Supply Voltage Range (Typical). . . . . . . . . . . . . . . . . . . . . . . 9VDC to 16VDC
Thermal Resistance Junction to Ambient (Typical)
JA (°C/W)
16 Ld QSOP (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . .-55°C to +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. All voltages are with respect to GND.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram” on page 3
and “typical application on Figure 2 on page 4 and Figure 3 on page 5. 9V < VDD < 20V, RTD = 10.0kΩ CT = 470pF, TA = -40°C to +105°C, Typical values
are at TA = +25°C.
PARAMETER
TEST CONDITIONS
MIN
(Note 10)TYP
MAX
(Note 10)UNIT
SUPPLY VOLTAGE
Supply Voltage
-
-
20
V
Start-Up Current, IDD
VDD = 5.0V
-
175
400
µA
Operating Current, IDD
RLOAD, COUT = 0
-
11.0
15.5
mA
UVLO START Threshold
8.00
8.75
9.00
V
UVLO STOP Threshold
6.50
7.00
7.50
V
Hysteresis
-1.75-
V
REFERENCE VOLTAGE
Overall Accuracy
IVREF = 0mA to -10mA
4.850
5.000
5.150
V
Long Term Stability
TA = +125°C, 1000 hours (Note 6)-
3
-
mV
Operational Current (Source)
-10
-
-
mA
Operational Current (Sink)
5-
-
mA
Current Limit
VREF = 4.85V
-15
-
-100
mA
CURRENT SENSE
Current Limit Threshold
VERR = VREF
0.97
1.00
1.03
V
CS to OUT Delay
Excl. LEB (Note 6)
-
35
50
ns
Leading Edge Blanking (LEB) Duration
(Note 6)50
70
100
ns
CS to OUT Delay + LEB
TA = +25°C
-
-
130
ns
CS Sink Current Device Impedance
VCS = 1.1V
-
-
20
Ω
Input Bias Current
VCS = 0.3V
-6.00
-
-2.00
µA
CS to PWM Comparator Input Offset
TA = +25°C
65
80
95
mV
PULSE WIDTH MODULATOR
VERR Pull-Up Current Source
VERR = 2.50V
0.80
1.00
1.30
mA
VERR VOH
ILOAD = 0mA
4.20
-
-
V
Minimum Duty Cycle
VERR < 0.6V
-
-
0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com