công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6752DBEVAL1Z bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp

tên linh kiện ISL6752DBEVAL1Z
Giải thích chi tiết về linh kiện  ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6752DBEVAL1Z bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp

Back Button ISL6752DBEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ISL6752
FN9181 Rev 4.00
Page 9 of 18
August 1, 2016
Pin Descriptions
VDD - VDD is the power connection for the IC. To optimize noise
immunity, bypass VDD to GND with a ceramic capacitor as
close to the VDD and GND pins as possible.
VDD is monitored for supply voltage Undervoltage Lock-Out
(UVLO). The start and stop thresholds track each other
resulting in relatively constant hysteresis.
GND - Signal and power ground connections for this device.
Due to high peak currents and high frequency operation, a low
impedance layout is necessary. Ground planes and short
traces are highly recommended.
VREF - The 5.0V reference voltage output having 3% tolerance
over line, load and operating temperature. Bypass to GND with
a 0.1µF to 2.2µF low ESR capacitor.
CT - The oscillator timing capacitor is connected between this
pin and GND. It is charged through an internal 200µA current
source and discharged with a user adjustable current source
controlled by RTD.
RTD - This is the oscillator timing capacitor discharge current
control pin. The current flowing in a resistor connected
between this pin and GND determines the magnitude of the
current that discharges CT. The CT discharge current is
nominally 20x the resistor current. The PWM dead time is
determined by the timing capacitor discharge duration. The
voltage at RTD is nominally 2V.
CS - This is the input to the overcurrent comparator. The
overcurrent comparator threshold is set at 1V nominal. The CS
pin is shorted to GND at the termination of either PWM output.
Depending on the current sensing source impedance, a series
input resistor may be required due to the delay between the
internal clock and the external power switch. This delay may
result in CS being discharged prior to the power switching
device being turned off.
OUTUL and OUTUR - These outputs control the upper bridge
FETs and operate at a fixed 50% duty cycle in alternate
sequence. OUTUL controls the upper left FET and OUTUR
controls the upper right FET. The left and right designation may
be switched as long as they are switched in conjunction with
the lower FET outputs, OUTLL and OUTLR.
RESDEL - Sets the resonant delay period between the toggle of
the upper FETs and the turn on of either of the lower FETs. The
voltage applied to RESDEL determines when the upper FETs
switch relative to a lower FET turning on. Varying the control
voltage from 0V to 2V increases the resonant delay duration
from 0 to 100% of the dead time. The control voltage divided
by 2 represents the percent of the dead time equal to the
resonant delay. In practice the maximum resonant delay must
Typical Performance Curves
FIGURE 4. REFERENCE VOLTAGE vs TEMPERATURE
FIGURE 5. CT DISCHARGE CURRENT GAIN vs RTD CURRENT
FIGURE 6. DEAD TIME (DT) vs CAPACITANCE
FIGURE 7. CAPACITANCE vs FREQUENCY
-40 -25
-10
5
20
35
50
65
80
95 110
0.98
0.99
1.00
1.01
1.02
TEMPERATURE (°C)
0
200
400
600
800
1000
18
19
20
21
22
23
24
25
RTD CURRENT (µA)
0
10
2030
40
5060708090
100
10
100
RTD (kΩ)
1-104
1-103
CT = 1000pF
CT = 680pF
CT = 470pF
CT = 330pF
CT = 220pF
CT = 100pF
0.1
1
10
10
100
CT
(nF)
1-103
RTD = 10kΩ
RTD = 50kΩ
RTD = 100kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com