công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6752DBEVAL1Z bảng dữ liệu(PDF) 12 Page - Renesas Technology Corp

tên linh kiện ISL6752DBEVAL1Z
Giải thích chi tiết về linh kiện  ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6752DBEVAL1Z bảng dữ liệu(HTML) 12 Page - Renesas Technology Corp

Back Button ISL6752DBEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 13Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 14Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 15Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
ISL6752
FN9181 Rev 4.00
Page 12 of 18
August 1, 2016
Where RCS is the current sense burden resistor, NCT is the
current transformer turns ratio, LO is the output inductance, VO
is the output voltage, and NS and NP are the secondary and
primary turns, respectively.
The inductor current, when reflected through the isolation
transformer and the current sense transformer to obtain the
current feedback signal at the sense resistor yields in
Equation 14:
Where VCS is the voltage across the current sense resistor and
IO is the output current at current limit.
Since the peak current limit threshold is 1.0V, the total current
feedback signal plus the external ramp voltage must sum to
this value.
Substituting Equations 13 and 14 into Equation 15 and solving
for RCS yields in Equation 16:
For simplicity, idealized components have been used for this
discussion, but the effect of magnetizing inductance must be
considered when determining the amount of external ramp to
add. Magnetizing inductance provides a degree of slope
compensation to the current feedback signal and reduces the
amount of external ramp required. The magnetizing
inductance adds primary current in excess of what is reflected
from the inductor current in the secondary.
Where VIN is the input voltage that corresponds to the duty
cycle D and Lm is the primary magnetizing inductance. The
effect of the magnetizing current at the current sense resistor,
RCS, is expressed in Equation 18:
If
VCS is greater than or equal to Ve, then no additional slope
compensation is needed and RCS becomes Equation 19:
If
VCS is less than Ve, then Equation 16 is still valid for the
value of RCS, but the amount of slope compensation added by
the external ramp must be reduced by
VCS.
Adding slope compensation may be accomplished in the
ISL6752 using the CTBUF signal. The CTBUF is an amplified
representation of the sawtooth signal that appears on the CT
pin. It is offset from ground by 0.4V and is 2x the peak-to-peak
amplitude of CT (0.4V to 4.4V). A typical application sums this
signal with the current sense feedback and applies the result to
the CS pin, as shown in Figure 9.
Assuming the designer has selected values for the RC filter
placed on the CS pin, the value of R9 required to add the
appropriate external ramp can be found by superposition.
Rearranging to solve for R9 yields Equation 21:
The value of RCS determined in Equations 16 must be rescaled
so, that the current sense signal presented at the CS pin is that
predicted by Equation 14. The divider created by R6 and R9
makes this necessary.
Example:
VIN = 280V
VO = 12V
LO = 2.0µH
Np/Ns = 20
Lm = 2mH
IO = 55A
Oscillator Frequency, fSW = 400kHz
Duty Cycle, D = 85.7%
NCT = 50
R6 = 499Ω
VCS
NS RCS
NP NCT
------------------------ IO
Dt
SW
2LO
------------------- VIN
NS
NP
--------
VO
–



+



=
V
(EQ. 14)
Ve VCS
+
1
=
(EQ. 15)
RCS
NP NCT
NS
------------------------
1
IO
VO
LO
--------tSW
1
---
D
2
----
+


+
----------------------------------------------------
=
(EQ. 16)
IP
VIN DtSW
Lm
-----------------------------
=
A
(EQ. 17)
V
CS
I
P RCS
NCT
--------------------------
=
V
(EQ. 18)
RCS
NCT
NS
NP
--------
IO
DtSW
2LO
---------------
VIN
NS
NP
--------
VO
–



+



VIN DtSW
Lm
-----------------------------
+
----------------------------------------------------------------------------------------------------------------------------------
=
(EQ. 19)
FIGURE 9. ADDING SLOPE COMPENSATION
R6
C4
R9
CTBUF
CS
1
2
4
3
5
6
7
8
RCS
ISL6752
Ve VCS
–
DVCTBUF 0.4
–
 0.4
+
 R
6
R6 R9
+
------------------------------------------------------------------------------
=
V
(EQ. 20)
R9
DVCTBUF 0.4
–
 V
e
V
CS
0.4
++
–
 R
6
Ve VCS
–
------------------------------------------------------------------------------------------------------------------
=
(EQ. 21)
R
CS
R6 R9
+
R9
--------------------- RCS
=
(EQ. 22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com