công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT85F2240 bảng dữ liệu(PDF) 28 Page - Holtek Semiconductor Inc

tên linh kiện HT85F2240
Giải thích chi tiết về linh kiện  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 bảng dữ liệu(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 24Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 25Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 26Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 27Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 28Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 29Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 30Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 31Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 147 page
background image
Rev. 1.10
�8 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
In-Circuit Programming – ICP
The provision of Flash type Program Memory provides the user with a means of convenient
and easy upgrades and modifications to their programs on the same device. As an additional
convenience, Holtek has provided a means of programming the microcontroller in-circuit using
a four-line serial interface. This provides manufacturers with the possibility of manufacturing
their circuit boards complete with a programmed or un-programmed microcontroller, and then
programming or upgrading the program at a later stage. This enables product manufacturers to
easily keep their manufactured products supplied with the latest program releases without removal
and re-insertion of the device.
The Holtek Flash MCU to Writer Programming Pin correspondence table is as follows:
Holtek Writer Pins
MCU Programming Pins
Function
ICPDA
P0.0/ICPDA
Programming Seria� Data/Address
ICPCK
RESET/ICPCK
Programming Seria� C�ock
VDD
VDD
Power S�pp��
VSS
VSS
Gro�nd
The Program Memory can be programmed serially in-circuit using the interface on pins ICPDA
and ICPCK. Data is downloaded and uploaded serially on a single pin with an additional line for the
clock. Two additional lines are required for the power supply. The technical details regarding the
in-circuit programming of the device are beyond the scope of this document and will be supplied in
supplementary literature. The Flash Program Memory Read/Write function is implemented using a
series of registers.
On-Chip Debug Support – OCDS
An EV chip, HT85V2240, is provided which includes all the HT85F2240 functions as well as
an “On-Chip Debug” interface for emulation of the HT85F2240/2230 devices. To minimise
the difference between the real IC (the volume-production version) and the EV chip (the device
with the debug interface), a protocol converter is implemented to translate the external 2-wire
connections (TCK and TDA) into 4 internal JTAG signals (TCK, TMS, TDI and TDO) and vice
versa. Users can use the EV chip device to emulate the real chip device behavior by connecting
the TDA and TCK pins to the related Holtek development tools. The TDA pin is the OCDS Data/
Address input/output pin while the TCK pin is the OCDS clock input pin. When users use the EV
chip for debugging, other functions which are shared with the TDA and TCK pins in the actual
MCU device will have no effect in the EV chip. However, the two OCDS pins which are pin-shared
with the ICP programming pins are still used as the Flash Memory programming pins for ICP. For
a more detailed OCDS description, refer to the corresponding user’s guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com