công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT85F2240 bảng dữ liệu(PDF) 85 Page - Holtek Semiconductor Inc

tên linh kiện HT85F2240
Giải thích chi tiết về linh kiện  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 bảng dữ liệu(HTML) 85 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 81Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 82Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 83Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 84Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 85Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 86Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 87Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 88Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 89Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 147 page
background image
Rev. 1.10
8� of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
Interrupt Operation
A Timer Counter overflow, an active edge or level on the external interrupt pin, a comparator
output changes state or A/D conversion completion etc, will all generate an interrupt request by
setting their corresponding request flag. When this happens, if the interrupt enable bit is set, then
the Program Counter, which stores the address of the next instruction to be executed, will be
transferred onto the stack. The Program Counter will then be loaded with a new address which
will be the value of the corresponding interrupt vector. The microcontroller will begin then fetch
its next instruction from this interrupt vector. The instruction at this vector will jump to another
section of program which is known as the interrupt service routine. Here is located the code to
control the appropriate interrupt. The interrupt service routine must be terminated with a RETI
instruction, which retrieves the original Program Counter address from the stack and allows the
microcontroller to continue with normal execution at the point where the interrupt occurred.
The EAL is used to control the whole interrupt function enable or disable and it has to be cleared
using the application program.
The various interrupt enable bits, together with their associated request flags, are shown in the
following diagram with their order of priority. Interrupts with higher priority can stop lower
priority ones. All interrupts are categorised into four priority levels.
0�H
0BH
�BH
7�H
7BH
Legend
xxx Req�est F�ag – a�to reset in ISR
Exx Enab�e Bit
EAL
EAL
EAL
EAL
EAL
IE0
INT0 Pin
EX0
TF0
Timer 0
ET0
TF�/EXF�
Timer �
ET�/EXEN�
IADC
ADC
EADC
TBF
Time Base
ETB
EAL
EAL
IE1
INT1 Pin
EX1
TF1
Timer 1
ET1
1�H
1BH
Low
Priorit�
High
Vector
Req�est
F�ags
Enab�e
Bits
Master
Enab�e
Interr�pt
Name
4�H
4BH
EAL
EAL
CCU0F
CCU0
ECCU0
CCU1F
CCU1
ECCU1
LVDF
LVD
ELVD
EAL
8BH
xxx Req�est F�ag – no a�to reset in ISR
Interrupt Structure
Note that if one interrupt requests occur during the other interrupt interval, although the interrupt
will not be immediately serviced, the request flag will still be recorded and the next interrupt
request will take place according to the interrupt priority. If the stack is full, the interrupt request
will not be acknowledged, even if the related interrupt is enabled, until the Stack Pointer is
decremented. If immediate service is desired, the stack must be prevented from becoming full.
When an interrupt request is generated, it takes several instruction cycles before the program jumps
to the interrupt vector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com