công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT85F2240 bảng dữ liệu(PDF) 68 Page - Holtek Semiconductor Inc

tên linh kiện HT85F2240
Giải thích chi tiết về linh kiện  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 bảng dữ liệu(HTML) 68 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 64Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 65Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 66Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 67Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 68Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 69Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 70Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 71Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 72Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 147 page
background image
Rev. 1.10
68 of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
Reset Operations
After the initial power on reset, there are many ways in which a microcontroller reset can occur,
through events occurring both internally and externally.
Reset Source Register – RSTSRC
After a reset occurs the device will be reset to some initial condition. Several registers are used to
indicate which actual reset type caused the device to reset. Six of the possible reset sources will be
indicated by the reset source register, RSTSRC. The additional reset sources are indicated by the
SRSTREQ bit in the SRST register for the Software Reset and the WDTS bit in the IP0 register for
the Watchdog reset.
All of the bits in the RSTSRC register are read only and can therefore not be cleared by the
application program after one of the relevant reset occurs. After one of these reset occurs and the
relevant bit is high to indicate its occurrence, the bit can only be cleared by hardware when another
different reset type occurs.
RSTSRC Register
SFR Address: FFh
Bit
7
6
5
4
3
2
1
0
Labe�
—
LRF
WRF
—
—
LVRF
XRSTF
PORF
R/W
—
R
R
—
—
R
R
R
POR
—
0
0
—
—
x
0
1
Bit 7
Unimplemented, read as “0”
Bit 6
LRF: LVRCR Register Setting Software Reset Indication Flag
0: No LVRCR Setting Software Reset
1: LVRCR Software Reset
Bit 5
WRF: WDTCR Register Setting Software Reset Indication Flag
0: No WDTCR Setting Software Reset
1: WDTCR Setting Software Reset
Bit 4~3
Unimplemented, read as “0”
Bit 2
LVRF: Low-Voltage Reset Indication Flag
0: No Low-Voltage Reset
1: Low-Voltage Reset
Bit 1
XRSTF: External Pin Reset Indication Flag
0: No External Reset
1: External Reset
Bit 0
PORF: Power-on Reset Indication Flag
0: No Power-on Reset
1: Power-on Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com