công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT85F2240 bảng dữ liệu(PDF) 25 Page - Holtek Semiconductor Inc

tên linh kiện HT85F2240
Giải thích chi tiết về linh kiện  A/D Flash 8051 Core Low Pin Count MCU
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85F2240 bảng dữ liệu(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT85F2240 Datasheet HTML 21Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 22Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 23Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 24Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 25Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 26Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 27Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 28Page - Holtek Semiconductor Inc HT85F2240 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 147 page
background image
Rev. 1.10
�� of 147
���� �1� �01�
A/D Flash 8051 Core Low Pin Count MCU
HT85F2230/HT85F2240
14 Program Counter
During program execution, the Program Counter is used to keep track of the address of the
next instruction to be executed. It is automatically incremented by one each time an instruction
is executed except for instructions, such as “JMP” or “CALL” that demand a jump to a non-
consecutive Program Memory address.
When executing instructions requiring jumps to non-consecutive addresses such as a jump
instruction, a subroutine call, interrupt or reset, etc., the microcontroller manages program control
by loading the required address into the Program Counter. For conditional skip instructions, once
the condition has been met, the next instruction, which has already been fetched during the present
instruction execution, is discarded and a dummy cycle takes its place while the correct instruction
is obtained.
15 Stack
This is a special part of the memory which is used to save the contents of the Program Counter
only. The stack is located in the 256 byte Internal Data Memory; therefore, the depth can be
extended up to 256 levels. The activated level is indexed by the Stack Pointer, SP, and is neither
readable nor writeable. At a subroutine call or interrupt acknowledge signal, the contents of the
Program Counter are pushed onto the stack. At the end of a subroutine or an interrupt routine,
signaled by a return instruction, RET or RETI, the Program Counter is restored to its previous
value from the stack. After a device reset, the Stack Pointer will point to the location 0x07, the top
of the stack. Note that if the data memory has been used as the stack area, it should not be used as
general purpose Data RAM.
Pr og ra m Co un te r
St ac k Le ve l 1
St ac k Le ve l 2
St ac k Le ve l 3
St ac k Le ve l 256
Pr og ra m
Me mo ry
T op of S ta ck
St ac k
Po in te r
Bo tt om o f St ac k
Stack Block Diagram
If the stack is full and an enabled interrupt takes place, the interrupt request flag will be recorded
but the acknowledge signal will be inhibited. When the Stack Pointer is decremented, by RET or
RETI, the interrupt will be serviced. This feature prevents stack overflow allowing the programmer
to use the structure more easily. However, when the stack is full, a CALL subroutine instruction
can still be executed which will result in a stack overflow. Precautions should be taken to avoid
such cases which might cause unpredictable program branching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com