công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC68HC908AP16CFB bảng dữ liệu(PDF) 165 Page - Motorola, Inc

tên linh kiện MC68HC908AP16CFB
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB bảng dữ liệu(HTML) 165 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 161Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 162Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 163Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 164Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 165Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 166Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 167Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 168Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 169Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 440 page
background image
Monitor ROM (MON)
Functional Description
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
165
The MCU executes the SWI and PSHH instructions when it enters
monitor mode. The RUN command tells the MCU to execute the PULH
and RTI instructions. Before sending the RUN command, the host can
modify the stacked CPU registers to prepare to run the host program.
The READSP command returns the incremented stack pointer value,
SP + 1. The high and low bytes of the program counter are at addresses
SP + 5 and SP + 6.
Figure 10-7. Stack Pointer at Monitor Mode Entry
Table 10-9. RUN (Run User Program) Command
Description
Executes PULH and RTI instructions
Operand
None
Data
Returned
None
Opcode
$28
Command Sequence
RUN
RUN
ECHO
FROM
HOST
CONDITION CODE REGISTER
ACCUMULATOR
LOW BYTE OF INDEX REGISTER
HIGH BYTE OF PROGRAM COUNTER
LOW BYTE OF PROGRAM COUNTER
SP + 1
SP + 2
SP + 3
SP + 4
SP + 5
SP
SP + 6
HIGH BYTE OF INDEX REGISTER
SP + 7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com