công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS4C64M32MD2-25BCN bảng dữ liệu(PDF) 84 Page - Alliance Semiconductor Corporation

tên linh kiện AS4C64M32MD2-25BCN
Giải thích chi tiết về linh kiện  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALSC [Alliance Semiconductor Corporation]
Trang chủ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN bảng dữ liệu(HTML) 84 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 80Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 81Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 82Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 83Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 84Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 85Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 86Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 87Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 88Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 129 page
background image
Table 28 — Single-ended levels for CK, DQS, CK#, DQS#
Symbol
Parameter
LPDDR2-800
Unit
Notes
Min
Max
VSEH(AC)
Single-ended
high-level for strobes
(VDDQ/2) +0.220
Note 3
V
1,2
Single-ended
high-level for CK, CK#
(VDDCA/2) +0.220
Note 3
V
1,2
VSEL(AC)
Single-ended
low-level for strobes
Note 3
(VDDQ/2) - 0.220
V
1,2
Single-ended
low-level for CK, CK#
Note 3
(VDDCA/2) - 0.220
V
1,2
NOTE 1 For CK, CK# use VSEH/VSEL(AC) of CA; for strobes (DQS0, DQS0#, DQS1, DQS1#, DQS2, DQS2#, DQS3, DQS3#) use
VIH/VIL(AC) of DQs.
NOTE 2 VIH(AC)/VIL(AC) for DQs is based on VREFDQ; VSEH(AC)/VSEL(AC) for CA is based on VREFCA; if a reduced ac-high or ac-
low level is used for a signal group, then the reduced level applies also here
NOTE 3 These values are not defined, however the single-ended signals CK, CK#, DQS0, DQS0#, DQS1, DQS1#, DQS2, DQS2#, DQS3,
DQS3# need to be within the respective limits (VIH(DC) max, VIL(DC)min) for single-ended signals as well as the limitations for overshoot and
undershoot.
Refer to Overshoot and Undershoot Specifications”
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 84/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More