công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS4C64M32MD2-25BCN bảng dữ liệu(PDF) 36 Page - Alliance Semiconductor Corporation

tên linh kiện AS4C64M32MD2-25BCN
Giải thích chi tiết về linh kiện  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALSC [Alliance Semiconductor Corporation]
Trang chủ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN bảng dữ liệu(HTML) 36 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 32Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 33Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 34Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 35Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 36Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 37Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 38Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 39Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 40Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 129 page
background image
NOTE 1 The BST command truncates an ongoing read burst RL * tCK + tDQSCK + tDQSQ after the rising edge of the clock
where the Burst Terminate command is issued.
NOTE 2 For LPDDR2-S4 devices, BST can only be issued an even number of clock cycles after the Read command.
NOTE 3 Additional BST commands are not allowed after T4 and may not be issued until after the next Read or Write
command.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 36/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More