công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS4C64M32MD2-25BCN bảng dữ liệu(PDF) 22 Page - Alliance Semiconductor Corporation

tên linh kiện AS4C64M32MD2-25BCN
Giải thích chi tiết về linh kiện  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALSC [Alliance Semiconductor Corporation]
Trang chủ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN bảng dữ liệu(HTML) 22 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 18Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 19Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 20Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 25Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 26Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 129 page
background image
NOTE 5 LPDDR2 devices that do not support calibration shall ignore the ZQ Calibration command.
NOTE 6 Optionally, the MRW ZQ Initialization Calibration command will update MR0 to indicate RZQ pin connection.
MR11:15_(Reserved) (MA<7:0> = 0BH-0FH):
 
MR16_PASR_Bank Mask (MA<7:0> = 010H): S2 and S4 SDRAM only
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
S4 SDRAM
Bank Mask (4-bank or 8 bank)
S4 SDRAM :
Bank <7:0> Mask
Write-
only
OP<7:0>
0B: refresh enable to the bank (=unmasked,
default)
1
1B: refresh blocked (=masked)
1.
For 4-bank S4 SDRAM, only<3:0> are used.
OP
Bank Mask
4-Bank S4 SDRAM
8-Bank S4 SDRAM
0
XXXX XXX1
Bank 0
Bank 0
1
XXXX XX1X
Bank 1
Bank 1
2
XXXX X1XX
Bank 2
Bank 2
3
XXXX 1XXX
Bank 3
Bank 3
4
XXX1 XXXX
-
Bank 4
5
XX1X XXXX
-
Bank 5
6
X1XX XXXX
-
Bank 6
7
1XXX XXXX
-
Bank 7
MR17_PASR_Segment Mask (MA<7:0> = 011H): 1Gb ~ 8Gb S4 SDRAM only
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
Segment Mask
Segment <7:0> Mask
Write-
only
OP<7:0>
0B: refresh enable to the segment (=unmasked,
default)
1B: refresh blocked (=masked)
1Gb
2Gb,
4Gb
8Gb
Segment
OP
Segment Mask
R12 : 10
R13 : 11
R14 : 12
0
0
XXXX XXX1
000B
1
1
XXXX XX1X
001B
2
2
XXXX X1XX
010B
3
3
XXXX 1XXX
011B
4
4
XXX1 XXXX
100B
5
5
XX1X XXXX
101B
6
6
X1XX XXXX
110B
7
7
1XXX XXXX
111B
NOTE This table indicates the range of row addresses in each masked segment X is do not care for a particular segment
MR18-19_Reserved (MA<7:0> = 012H - 013H):
MR20-31_Do Not Use, NVM only
MR32_DQ Calibration Pattern A (MA<7:0> = 20H):
Reads to MR32 return DQ Calibration Pattern “A”. See “DQ Calibration”
MR33:39_(Do Not Use) (MA<7:0> = 21H-27H):
MR40_DQ Calibration Pattern B (MA<7:0> = 28H):
Reads to MR40 return DQ Calibration Pattern “B”. See “DQ Calibration”.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 22/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More