| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS4C64M32MD2-25BCN bảng dữ liệu(PDF) 37 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C64M32MD2-25BCN bảng dữ liệu(HTML) 37 Page - Alliance Semiconductor Corporation |
|
37 / 129 page ![]() 4.7 Write Data Mask One write data mask (DM) pin for each data byte (DQ) will be supported on LPDDR2 devices, consistent with the implementation on LPDDR SDRAMs. Each data mask (DM) may mask its respective data byte (DQ) for any given cycle of the burst. Data mask has identical timings on write operations as the data bits, though used as input only, is internally loaded identically to data bits to insure matched system timing. Data Mask Timing Data Mask Function, WL = 2, BL = 4 shown, second DQ masked Figure 4.20 — LPDDR2-SX: Write data mask AS4C64M32MD2-25BCN AS4C128M16MD2-25BCN Confidential - 37/129 - Rev.1.0 July 2016 |