công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS4C64M32MD2-25BCN bảng dữ liệu(PDF) 46 Page - Alliance Semiconductor Corporation

tên linh kiện AS4C64M32MD2-25BCN
Giải thích chi tiết về linh kiện  Deep Power Down Mode
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALSC [Alliance Semiconductor Corporation]
Trang chủ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M32MD2-25BCN bảng dữ liệu(HTML) 46 Page - Alliance Semiconductor Corporation

Back Button AS4C64M32MD2-25BCN Datasheet HTML 42Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 43Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 44Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 45Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 46Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 47Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 48Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 49Page - Alliance Semiconductor Corporation AS4C64M32MD2-25BCN Datasheet HTML 50Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 129 page
background image
~30 ms without any REFRESH command
Figure 4.28 — LPDDR2-SX: Allowable Transition from Repetitive Burst Refresh with Subsequent
Refresh Pause to Regular, Distributed Refresh Pattern
NOTE 1 For a (e.g.) LPDDR2-S4 1 Gb device @ Tcase less than or equal to 85 C the distributed refresh pattern would have one
REFRESH command per 7.8 us; the burst refresh pattern would have an average of one refresh command per 0.52 us followed by
~30 ms without any REFRESH command.
AS4C64M32MD2-25BCN
AS4C128M16MD2-25BCN
Confidential
- 46/129 -
Rev.1.0 July 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More