công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

eZ80F91 bảng dữ liệu(PDF) 20 Page - Zilog, Inc.

tên linh kiện eZ80F91
Giải thích chi tiết về linh kiện  Factory-default operating clock frequency at 50 MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

eZ80F91 bảng dữ liệu(HTML) 20 Page - Zilog, Inc.

Back Button eZ80F91 Datasheet HTML 16Page - Zilog, Inc. eZ80F91 Datasheet HTML 17Page - Zilog, Inc. eZ80F91 Datasheet HTML 18Page - Zilog, Inc. eZ80F91 Datasheet HTML 19Page - Zilog, Inc. eZ80F91 Datasheet HTML 20Page - Zilog, Inc. eZ80F91 Datasheet HTML 21Page - Zilog, Inc. eZ80F91 Datasheet HTML 22Page - Zilog, Inc. eZ80F91 Datasheet HTML 23Page - Zilog, Inc. eZ80F91 Datasheet HTML 24Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
PS026102-1207
Onboard Component Description
Zdots® SBC for eZ80AcclaimPlus!™ Connectivity ASSP
Product Specification
16
disabled by setting PD2 (IR_SD) High or by pulling the DIS_IRDA pin on the I/O
connector Low. The shutdown is used for power savings. To enable the IrDA transceiver,
DIS_IRDA is left floating and PD2 is set to Low.
Reset Generator
The onboard Reset Generator Chip performs reliable Power-On Reset. The chip generates
a reset pulse with a duration of 200 ms if the power supply drops below 2.93 V. This reset
pulse ensures that the board always starts in a defined condition. The RESET pin on the
I/O connector reflects the status of the RESET line. It is a bidirectional pin for resetting
external peripheral components or for resetting the Zdots with a low-impedance output
(for example, a 100
Ω push button).
Serial Interface Ports
The CPU contains two UARTs with programmable baud rate generators. UART0 is con-
nected to GPIO PD[0:7] on the I/O connector. UART1 is connected to GPIO PC[0:7] on
the I/O connector.
Do not connect an RS-232 interface without level shifters. There are no
RS-232 level shifters on the Zdots.
Physical Dimensions
The footprint of the Zdots PCB is 63.5 mm x 78.7 cm. With an RJ-45 Ethernet connector,
the overall height is 25 mm, see Figure 5 on page 17.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com