công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

eZ80F91 bảng dữ liệu(PDF) 16 Page - Zilog, Inc.

tên linh kiện eZ80F91
Giải thích chi tiết về linh kiện  Factory-default operating clock frequency at 50 MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

eZ80F91 bảng dữ liệu(HTML) 16 Page - Zilog, Inc.

Back Button eZ80F91 Datasheet HTML 12Page - Zilog, Inc. eZ80F91 Datasheet HTML 13Page - Zilog, Inc. eZ80F91 Datasheet HTML 14Page - Zilog, Inc. eZ80F91 Datasheet HTML 15Page - Zilog, Inc. eZ80F91 Datasheet HTML 16Page - Zilog, Inc. eZ80F91 Datasheet HTML 17Page - Zilog, Inc. eZ80F91 Datasheet HTML 18Page - Zilog, Inc. eZ80F91 Datasheet HTML 19Page - Zilog, Inc. eZ80F91 Datasheet HTML 20Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
PS026102-1207
Onboard Component Description
Zdots® SBC for eZ80AcclaimPlus!™ Connectivity ASSP
Product Specification
12
Onboard Component Description
Logic-Level Input/Outputs
The I/O connector features 32 general-purpose 3.3 V CMOS I/O pins that can be used as
outputs or inputs interfacing to external logic. All I/Os are 5 V tolerant. Some of the gen-
eral-purpose I/O pins support dual mode functions (SPI, Timer I/O, UARTs, and bit I/O
with edge- or level-triggered interrupt functions on each pin). For more information on
eZ80AcclaimPlus!™ ASSP dual modes, refer to eZ80F91 Product Specification
(PS0192).
Onboard Battery Backup
An onboard Panasonic VL-1220-1VC 3 V Lithium battery powers the 32 kHz
real-time clock when external power is removed. The battery is charged through diode
CR1 and resistor R28 when external power is applied to the board.
Ethernet PHY and RJ45 Connector
The Zdots® contains Advanced Micro Devices’ Am79C874 Media-Independent Interface
(MII) and a HALO RJ45 with integrated magnetics (transformer and common-mode
chokes) and two LED indicators.
The MII enables different modes of Ethernet communication, configurable by resistors
R19, R21, R23, and R24. The Zdots is shipped with all four resistors installed. Table 3
lists the available resistor settings and is excerpted from the Am79C874 data sheet pub-
lished by AMD.
Table 3. Zdots MII Resistor Configuration
R24
ANEG
R19
(Tech[2])
R23
(Tech[1])
R21
(Tech[0]) Speed Full-Duplex ANEG-EN Capabilities
ANEG
IN
IN
IN
IN
Yes1
Yes1
No
All
Disabled
IN
IN
IN
OUT
No
No
No
10HD
Disabled
IN
IN
OUT
IN
No
No
No
100HD
Disabled
IN
IN
OUT
OUT
No
No
No
100HD
Disabled
IN
OUT
IN
IN
Yes1
Yes1
No
All
Disabled
IN
OUT
IN
OUT
No
No
No
10FD
Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com