| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72344S4 bảng dữ liệu(PDF) 191 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72344S4 bảng dữ liệu(HTML) 191 Page - STMicroelectronics |
|
191 / 247 page ![]() ST72344xx, ST2345xx Instruction set Doc ID 12321 Rev 6 191/247 12.1.1 Inherent All Inherent instructions consist of a single byte. The opcode fully specifies all the required information for the CPU to process the operation. Short Indirect Indexed ld A,([$10],X) 00..1FE 00..FF byte + 2 Long Indirect Indexed ld A,([$10.w],X) 0000..FFFF 00..FF word + 2 Relative Direct jrne loop PC-128/PC+127(1) + 1 Relative Indirect jrne [$10] PC-128/PC+127(1) 00..FF byte + 2 Bit Direct bset $10,#7 00..FF + 1 Bit Indirect bset [$10],#7 00..FF 00..FF byte + 2 Bit Direct Relative btjt $10,#7,skip 00..FF + 2 Bit Indirect Relative btjt [$10],#7,skip 00..FF 00..FF byte + 3 1. At the time the instruction is executed, the Program Counter (PC) points to the instruction following JRxx. Table 76. ST7 addressing mode overview (continued) Mode Syntax Destination/ source Pointer address Pointer size (hex.) Length (bytes) Table 77. Inherent instructions Inherent instruction Function NOP No operation TRAP S/W Interrupt WFI Wait for interrupt (low-power mode) HALT Halt oscillator (lowest power mode) RET Subroutine return IRET Interrupt subroutine return SIM Set interrupt mask RIM Reset interrupt mask SCF Set carry flag RCF Reset carry flag RSP Reset stack pointer LD Load CLR Clear PUSH/POP Push/Pop to/from the stack INC/DEC Increment/Decrement TNZ Test negative or zero CPL, NEG 1 or 2 complement MUL Byte Multiplication |