| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7MC1K2 bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7MC1K2 bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 371 page ![]() Obsolete Product(s) - Obsolete Product(s) Pin description ST7MC1K2-Auto, ST7MC1K6-Auto, ST7MC2S4-Auto, ST7MC2S6-Auto 22/371 Figure 3. 32-pin LQFP 7x7 package pinout For external pin connection guidelines, see Section 12: Electrical characteristics on page 312. 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 9 1011 12 13 1415 16 1 2 3 4 5 6 7 8 ei1 ei0 OSC1 OSC2 AIN0/PWM0/PA3 AIN1/ARTIC1/PA5 (HS) MCO3 (HS) MCO4 (HS) MCO5 MCES RESET VDD_0 VAREF VSS_0 PD3/ICAP1_A/AIN13 PD2/ICAP2_A/MCZEM/AIN12 PD1 (HS)/OCMP1_A/MCPWMV/MCDEM PD0/OCMP2_A/MCPWMW/AIN11 ei2 (HS) 20mA high sink capability eix associated external interrupt vector * Once the MTC peripheral is ON, the pin PC4 is configured to an alternate function. PC4 is no longer usable as a digital I/O. Obsolete Product(s) - Obsolete Product(s) |