| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC564A80L7 bảng dữ liệu(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A80L7 bảng dữ liệu(HTML) 44 Page - STMicroelectronics |
|
44 / 157 page ![]() ADDR21 FR_B_RX DATA21 GPIO[17] External address bus Flexray RX data channel B External data bus GPIO P A1 A2 G 001 010 100 000 17 I/O I I/O I/O VDDE-EH Medium — / Up — / Up — — T2 ADDR22 DATA22 GPIO[18] External address bus External data bus GPIO P A2 G 001 100 000 18 I/O I/O I/O VDDE-EH Medium — / Up — / Up — — U1 ADDR23 DATA23 GPIO[19] External address bus External data bus GPIO P A2 G 001 100 000 19 I/O I/O I/O VDDE-EH Medium — / Up — / Up — — U2 ADDR24 DATA24 GPIO[20] External address bus External data bus GPIO P A2 G 001 100 000 20 I/O I/O I/O VDDE-EH Medium — / Up — / Up — — V1 ADDR25 DATA25 GPIO[21] External address bus External data bus GPIO P A2 G 001 100 000 21 I/O I/O I/O VDDE-EH Medium — / Up — / Up — — V2 ADDR26 DATA26 GPIO[22] External address bus External data bus GPIO P A2 G 001 100 000 22 I/O I/O I/O VDDE-EH Medium — / Up — / Up — — W1 ADDR27 DATA27 GPIO[23] External address bus External data bus GPIO P A2 G 001 100 000 23 I/O I/O I/O VDDE-EH Medium — / Up — / Up — — Y2 ADDR28 DATA28 GPIO[24] External address bus External data bus GPIO P A2 G 001 100 000 24 I/O I/O I/O VDDE-EH Medium — / Up — / Up — — Y1 ADDR29 DATA29 GPIO[25] External address bus External data bus GPIO P A2 G 001 100 000 25 I/O I/O I/O VDDE-EH Medium — / Up — / Up — — AA1 Table 4. SPC564A80 signal properties (continued) Name Function(1) P A G(2) PCR PA Field (3) PCR (4) I/O Type Voltage(5) / Pad Type(6) Status(7) Package pin # During Reset After Reset 176 208 324 |