| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC564A80L7 bảng dữ liệu(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A80L7 bảng dữ liệu(HTML) 56 Page - STMicroelectronics |
|
56 / 157 page ![]() DSPI_B_SOUT DSPI_C_PCS[5] GPIO[104] DSPI B data output DSPI C peripheral chip select GPIO P A1 G 01 10 00 104 O O I/O VDDEH6 Medium — / Up — / Up 113 G13 J19 DSPI_B_PCS[0] DSPI_D_PCS[2] GPIO[105] DSPI B peripheral chip select DSPI D peripheral chip select GPIO P A1 G 01 10 00 105 I/O O I/O VDDEH6 Medium — / Up — / Up 111 G16 J21 DSPI_B_PCS[1] DSPI_D_PCS[0] GPIO[106] DSPI B peripheral chip select DSPI D peripheral chip select GPIO P A1 G 01 10 00 106 O I/O I/O VDDEH6 Medium — / Up — / Up 109 H16 J22 DSPI_B_PCS[2] DSPI_C_SOUT GPIO[107] DSPI B peripheral chip select DSPI C data output GPIO P A1 G 01 10 00 107 O O I/O VDDEH6 Medium — / Up — / Up 107 H15 K22 DSPI_B_PCS[3] DSPI_C_SIN GPIO[108] DSPI B peripheral chip select DSPI C data input GPIO P A1 G 01 10 00 108 O I I/O VDDEH6 Medium — / Up — / Up 114 G14 J20 DSPI_B_PCS[4] DSPI_C_SCK GPIO[109] DSPI B peripheral chip select SPI clock pin for DSPI module GPIO P A1 G 01 10 00 109 O I/O I/O VDDEH6 Medium — / Up — / Up 105 H14 K20 DSPI_B_PCS[5] DSPI_C_PCS[0] GPIO[110] DSPI B peripheral chip select DSPI C peripheral chip select GPIO P A1 G 01 10 00 110 O I/O I/O VDDEH6 Medium — / Up — / Up 104 J13 L19 eQADC AN0(18) DAN0+ Single Ended Analog Input Positive Terminal Diff. Input P— — I I VDDA Analog I / — AN[0] / — 172 B5 B8 AN1(18) DAN0- Single Ended Analog Input Negative Terminal Diff. Input P— — I I VDDA Analog I / — AN[1] / — 171 A6 A8 AN2(18) DAN1+ Single Ended Analog Input Positive Terminal Diff. Input P— — I I VDDA Analog I / — AN[2] / — 170 D6 D10 Table 4. SPC564A80 signal properties (continued) Name Function(1) P A G(2) PCR PA Field (3) PCR (4) I/O Type Voltage(5) / Pad Type(6) Status(7) Package pin # During Reset After Reset 176 208 324 |