| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC564A80L7 bảng dữ liệu(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A80L7 bảng dữ liệu(HTML) 64 Page - STMicroelectronics |
|
64 / 157 page ![]() ETPUA24 IRQ[12] DSPI_C_SCK_LVD S- GPIO[138] eTPU A channel External interrupt request LVDS negative DSPI clock GPIO P A1 A2 G 001 010 100 000 138 I/O I O I/O VDDEH1 Slow + LVDS — / WKPCFG — / WKPCFG 28 G1 E1 ETPUA25 IRQ[13] DSPI_C_SCK_LVD S+ GPIO[139] eTPU A channel External interrupt request LVDS positive DSPI clock GPIO P A1 A2 G 001 010 100 000 139 I/O I O I/O VDDEH1 Medium + LVDS — / WKPCFG — / WKPCFG 27 G3 E3 ETPUA26 IRQ[14] DSPI_C_SOUT_LV DS- GPIO[140] eTPU A channel External interrupt request LVDS negative DSPI data out GPIO P A1 A2 G 001 010 100 000 140 I/O I O I/O VDDEH1 Slow + LVDS — / WKPCFG — / WKPCFG 26 F3 D3 ETPUA27 IRQ[15] DSPI_C_SOUT_LV DS+ DSPI_B_SOUT GPIO[141] eTPU A channel External interrupt request LVDS positive DSPI data out DSPI data out GPIO P A1 A2 A3 G 0001 0010 0100 1000 0000 141 I/O I O O I/O VDDEH1 Slow + LVDS — / WKPCFG — / WKPCFG 25 G2 E2 ETPUA28 DSPI_C_PCS[1] RCH5_B GPIO[142] eTPU A channel DSPI C peripheral chip select Reaction channel 5B GPIO P A1 A2 G 001 010 100 000 142 I/O O O I/O VDDEH1 Medium — / WKPCFG — / WKPCFG 24 F1 D1 ETPUA29 DSPI_C_PCS[2] RCH5_C GPIO[143] eTPU A channel DSPI C peripheral chip select Reaction channel 5C GPIO P A1 A2 G 001 010 100 000 143 I/O O O I/O VDDEH1 Medium — / WKPCFG — / WKPCFG 23 F2 D2 Table 4. SPC564A80 signal properties (continued) Name Function(1) P A G(2) PCR PA Field (3) PCR (4) I/O Type Voltage(5) / Pad Type(6) Status(7) Package pin # During Reset After Reset 176 208 324 |