| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC564A80L7 bảng dữ liệu(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC564A80L7 bảng dữ liệu(HTML) 65 Page - STMicroelectronics |
|
65 / 157 page ![]() ETPUA30 DSPI_C_PCS[3] ETPUA11_O(8) GPIO[144] eTPU A channel DSPI C peripheral chip select eTPU A channel (output only) GPIO P A1 A2 G 001 010 100 000 144 I/O O O I/O VDDEH1 Medium — / WKPCFG — / WKPCFG 22 E1 C1 ETPUA31 DSPI_C_PCS[4] ETPUA13_O(8) GPIO[145] eTPU A channel DSPI C peripheral chip select eTPU A channel (output only) GPIO P A1 A2 G 001 010 100 000 145 I/O O O I/O VDDEH1 Medium — / WKPCFG — / WKPCFG 21 E2 C2 eMIOS EMIOS0 ETPUA0_O(8) ETPUA25_O(8) GPIO[179] eMIOS channel eTPU A channel (output only) eTPU A channel (output only) GPIO P A1 A2 G 001 010 100 000 179 I/O O O I/O VDDEH4 Slow — / Up — / Up 63 T4 AB10 EMIOS1 ETPUA1_O(8) GPIO[180] eMIOS channel eTPU A channel (output only) GPIO P A1 G 01 10 00 180 I/O O I/O VDDEH4 Slow — / Up — / Up 64 T5 AB11 EMIOS2 ETPUA2_O(8) RCH2_B GPIO[181] eMIOS channel eTPU A channel (output only) Reaction channel 2B GPIO P A1 A2 G 001 010 100 000 181 I/O O O I/O VDDEH4 Slow — / Up — / Up 65 N7 W12 EMIOS3 ETPUA3_O(8) GPIO[182] eMIOS channel eTPU A channel (output only) GPIO P A1 G 01 10 00 182 I/O O I/O VDDEH4 Slow — / WKPCFG — / WKPCFG 66 R6 AA11 EMIOS4 ETPUA4_O(8) RCH2_C GPIO[183] eMIOS channel eTPU A channel (output only) Reaction channel 2C GPIO P A1 A2 G 001 010 100 000 183 I/O O O I/O VDDEH4 Slow — / WKPCFG — / WKPCFG 67 R5 AB12 Table 4. SPC564A80 signal properties (continued) Name Function(1) P A G(2) PCR PA Field (3) PCR (4) I/O Type Voltage(5) / Pad Type(6) Status(7) Package pin # During Reset After Reset 176 208 324 |