| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430F423IPM bảng dữ liệu(PDF) 43 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F423IPM bảng dữ liệu(HTML) 43 Page - Texas Instruments |
|
43 / 59 page ![]() EN D 0 1 0 1 Interrupt Edge Select EN Set Q P2IE.x P2IFG.x P2IRQ.x Interrupt Flag P2IES.x P2SEL.x Module X IN P2IN.x P2OUT.x Module X OUT Direction Control From Module P2DIR.x P2SEL.x Bus Keeper 0 1 0: Input 1: Output Node Is Reset With PUC PUC 43 MSP430F427, MSP430F425, MSP430F423 www.ti.com SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016 Submit Documentation Feedback Product Folder Links: MSP430F427 MSP430F425 MSP430F423 Detailed Description Copyright © 2004–2016, Texas Instruments Incorporated 6.10.5 Port P2 (P2.6 and P2.7) Unbonded GPIOs Unbonded GPIOs P2.6 and P2.7 can be used as interrupt flags. Only software can affect the interrupt flags. They work as software interrupts. Figure 6-14 shows the port diagram. Table 6-17 summarizes the selection of the port function. NOTE: x = Bit identifier 6 or 7 for Port P2 without external pins Figure 6-14. Port P2 (P2.6 and P2.7) Diagram Table 6-17. Port P2 (P2.6 and P2.7) Pin Functions P2SEL.x P2DIR.x DIRECTION CONTROL FROM MODULE P2OUT.x MODULE X OUT P2IN.x MODULE X IN P2IE.x P2IFG.x P2IES.x P2SEL.6 P2DIR.6 P2DIR.6 P2OUT.6 DVSS P2IN.6 Unused P2IE.6 P2IFG.6 P2IES.6 P2SEL.7 P2DIR.7 P2DIR.7 P2OUT.7 DVSS P2IN.7 Unused P2IE.7 P2IFG.7 P2IES.7 |