công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F423IPM bảng dữ liệu(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F423IPM
Giải thích chi tiết về linh kiện  Mixed-Signal Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F423IPM bảng dữ liệu(HTML) 37 Page - Texas Instruments

Back Button MSP430F423IPM Datasheet HTML 33Page - Texas Instruments MSP430F423IPM Datasheet HTML 34Page - Texas Instruments MSP430F423IPM Datasheet HTML 35Page - Texas Instruments MSP430F423IPM Datasheet HTML 36Page - Texas Instruments MSP430F423IPM Datasheet HTML 37Page - Texas Instruments MSP430F423IPM Datasheet HTML 38Page - Texas Instruments MSP430F423IPM Datasheet HTML 39Page - Texas Instruments MSP430F423IPM Datasheet HTML 40Page - Texas Instruments MSP430F423IPM Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
37
MSP430F427, MSP430F425, MSP430F423
www.ti.com
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Detailed Description
Copyright © 2004–2016, Texas Instruments Incorporated
Table 6-11. Peripherals With Word Access (continued)
MODULE
REGISTER NAME
ACRONYM
ADDRESS
SD16
(also see Table 6-12)
General control
SD16CTL
0100h
Channel 0 control
SD16CCTL0
0102h
Channel 1 control
SD16CCTL1
0104h
Channel 2 control
SD16CCTL2
0106h
Reserved
0108h
Reserved
010Ah
Reserved
010Ch
Reserved
010Eh
Interrupt vector word
SD16IV
0110h
Channel 0 conversion memory
SD16MEM0
0112h
Channel 1 conversion memory
SD16MEM1
0114h
Channel 2 conversion memory
SD16MEM2
0116h
Reserved
0118h
Reserved
011Ah
Reserved
011Ch
Reserved
011Eh
Table 6-12. Peripherals With Byte Access
MODULE
REGISTER NAME
ACRONYM
ADDRESS
SD16
(also see Table 6-11)
Channel 0 input control
SD16INCTL0
0B0h
Channel 1 input control
SD16INCTL1
0B1h
Channel 2 input control
SD16INCTL2
0B2h
Reserved
0B3h
Reserved
0B4h
Reserved
0B5h
Reserved
0B6h
Reserved
0B7h
Channel 0 preload
SD16PRE0
0B8h
Channel 1 preload
SD16PRE1
0B9h
Channel 2 preload
SD16PRE2
0BAh
Reserved
0BBh
Reserved
0BCh
Reserved
0BDh
Reserved
0BEh
Reserved
0BFh
LCD
LCD memory 20
LCDM20
0A4h
⋮
⋮
⋮
LCD memory 16
LCDM16
0A0h
LCD memory 15
LCDM15
09Fh
⋮
⋮
⋮
LCD memory 1
LCDM1
091h
LCD control and mode
LCDCTL
090h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com