công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F423IPM bảng dữ liệu(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F423IPM
Giải thích chi tiết về linh kiện  Mixed-Signal Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F423IPM bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button MSP430F423IPM Datasheet HTML 18Page - Texas Instruments MSP430F423IPM Datasheet HTML 19Page - Texas Instruments MSP430F423IPM Datasheet HTML 20Page - Texas Instruments MSP430F423IPM Datasheet HTML 21Page - Texas Instruments MSP430F423IPM Datasheet HTML 22Page - Texas Instruments MSP430F423IPM Datasheet HTML 23Page - Texas Instruments MSP430F423IPM Datasheet HTML 24Page - Texas Instruments MSP430F423IPM Datasheet HTML 25Page - Texas Instruments MSP430F423IPM Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
22
MSP430F427, MSP430F425, MSP430F423
SLAS421B – APRIL 2004 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F427 MSP430F425 MSP430F423
Specifications
Copyright © 2004–2016, Texas Instruments Incorporated
5.20 SD16 Power Supply and Operating Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
AVCC
Analog supply voltage
AVCC = DVCC, AVSS = DVSS = 0 V
2.7
3.6
V
ISD16
Analog supply current: 1 active SD16
channel including internal reference
SD16LP = 0,
fSD16 = 1 MHz,
SD16OSR = 256
GAIN: 1, 2
3 V
650
950
µA
GAIN: 4, 8, 16
730
1100
GAIN: 32
1050
1550
SD16LP = 1,
fSD16 = 0.5 MHz,
SD16OSR = 256
GAIN: 1
620
930
GAIN: 32
700
1060
fSD16
Analog front-end input clock frequency
SD16LP = 0 (low-power mode disabled)
1
MHz
SD16LP = 1 (low-power mode enabled)
0.5
(1)
All parameters pertain to each SD16 channel.
(2)
The analog input range depends on the reference voltage applied to VREF. If VREF is sourced externally, the full-scale range is defined
by VFSR+ = +(VREF / 2) / GAIN and VFSR− = −(VREF / 2) / GAIN. The analog input range should not exceed 80% of VFSR+ or VFSR−.
5.21 SD16 Analog Input Range
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VID
Differential input voltage range for
specified performance(2)
SD16GAINx = 1, SD16REFON = 1
±500
mV
SD16GAINx = 2, SD16REFON = 1
±250
SD16GAINx = 4, SD16REFON = 1
±125
SD16GAINx = 8, SD16REFON = 1
±62
SD16GAINx = 16, SD16REFON = 1
±31
SD16GAINx = 32, SD16REFON = 1
±15
ZI
Input impedance
(one input pin to AVSS)
fSD16 = 1 MHz, SD16GAINx = 1
3 V
200
kΩ
fSD16 = 1 MHz, SD16GAINx = 32
75
ZID
Differential input impedance
(IN+ to IN
−)
fSD16 = 1 MHz, SD16GAINx = 1
3 V
300
400
kΩ
fSD16 = 1 MHz, SD16GAINx = 32
100
150
VI
Absolute input voltage range
AVSS –
1
AVCC
V
VIC
Common-mode input voltage range
AVSS –
1
AVCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com