công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFE5804ZCF bảng dữ liệu(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AFE5804ZCF
Giải thích chi tiết về linh kiện  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5804ZCF bảng dữ liệu(HTML) 55 Page - Texas Instruments

Back Button AFE5804ZCF Datasheet HTML 51Page - Texas Instruments AFE5804ZCF Datasheet HTML 52Page - Texas Instruments AFE5804ZCF Datasheet HTML 53Page - Texas Instruments AFE5804ZCF Datasheet HTML 54Page - Texas Instruments AFE5804ZCF Datasheet HTML 55Page - Texas Instruments AFE5804ZCF Datasheet HTML 56Page - Texas Instruments AFE5804ZCF Datasheet HTML 57Page - Texas Instruments AFE5804ZCF Datasheet HTML 58Page - Texas Instruments AFE5804ZCF Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 63 page
background image
5kW
5kW
CM
CLKP
CLKM
V
CM
CLKP
CLKM
DifferentialSine-Wave,
PECL,orLVDSClockInput
0.1 F
m
0.1 F
m
CLKP
CLKM
CMOSSingle-Ended
Clock
0V
CLKP
CLKM
CMOSClockInput
0.1 F
m
0.1 F
m
AFE5804
www.ti.com
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
CLOCK INPUT
The eight channels on the device operate from a
single clock input. To ensure that the aperture delay
and jitter are the same for all channels, the AFE5804
uses a clock tree network to generate individual
sampling clocks to each channel. The clock paths for
all the channels are matched from the source point to
the sampling circuit. This architecture ensures that
the performance and timing for all channels are
identical. The use of the clock tree for matching
introduces an aperture delay that is defined as the
delay between the rising edge of FCLK and the actual
instant of sampling. The aperture delays for all the
channels are matched to the best possible extent. A
mismatch of
±20ps (±3σ) could exist between the
aperture instants of the eight ADCs within the same
Figure 106. Internal Clock Buffer
chip. However, the aperture delays of ADCs across
two
different
chips
can
be
several
hundred
picoseconds apart.
The
AFE5804
can
operate
either
in
CMOS
single-ended clock mode (default is DIFF_CLK = 0)
or differential clock mode (SINE, LVPECL, or LVDS).
In the single-ended clock mode, CLKM must be
forced to 0VDC, and the single-ended CMOS applied
on the CLKP pin. Figure 105 shows this operation.
Figure 107. Differential Clock Driving Circuit
(DIFF_CLK = 1)
Figure 105. Single-Ended Clock Driving Circuit
(DIFF_CLK = 0)
When configured for the differential clock mode
(register bit DIFF_CLK = 1) the AFE5804 clock inputs
Figure 108. Single-Ended Clock Driving Circuit
can be driven differentially (SINE, LVPECL, or LVDS)
When DIFF_CLK = 1
with little or no difference in performance between
them,
or
with
a
single-ended
(LVCMOS).
The
For best performance, the clock inputs must be
common-mode voltage of the clock inputs is set to
driven
differentially,
reducing
susceptibility
to
VCM using internal 5kΩ resistors, as shown in
common-mode
noise.
For
high
input
frequency
Figure
106.
This
method
allows
using
sampling, it is recommended to use a clock source
transformer-coupled drive circuits for a sine wave
with very low jitter. Bandpass filtering of the clock
clock or ac-coupling for LVPECL and LVDS clock
source can help reduce the effect of jitter. If the duty
sources, as shown in Figure 107 and Figure 108.
cycle deviates from 50% by more than 2% or 3%, it is
When operating in the differential clock mode, the
recommended to enable the DCC through register bit
single-ended CMOS clock can be ac-coupled to the
EN_DCC.
CLKP input, with CLKM connected to ground with a
0.1
μF capacitor, as Figure 108 shows.
Copyright
© 2008–2011, Texas Instruments Incorporated
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com