công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFE5804ZCF bảng dữ liệu(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AFE5804ZCF
Giải thích chi tiết về linh kiện  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5804ZCF bảng dữ liệu(HTML) 38 Page - Texas Instruments

Back Button AFE5804ZCF Datasheet HTML 34Page - Texas Instruments AFE5804ZCF Datasheet HTML 35Page - Texas Instruments AFE5804ZCF Datasheet HTML 36Page - Texas Instruments AFE5804ZCF Datasheet HTML 37Page - Texas Instruments AFE5804ZCF Datasheet HTML 38Page - Texas Instruments AFE5804ZCF Datasheet HTML 39Page - Texas Instruments AFE5804ZCF Datasheet HTML 40Page - Texas Instruments AFE5804ZCF Datasheet HTML 41Page - Texas Instruments AFE5804ZCF Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
AFE5804
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
www.ti.com
POWER-DOWN MODES
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
X
X
X
X
PDN_CH
<1:4>
X
X
X
X
PDN_CH
<8:5>
0F
X
PDN_PARTIAL
0
X
PDN_COMPLETE
X
0
PDN_PIN_CFG
Each of the eight ADC channels can be individually powered down. PDN_CH
<N> controls the power-down mode
for the ADC channel
<N>.
In addition to channel-specific power-down, the AFE5804 also has two global power-down modes: partial
power-down mode and complete power-down mode.
In addition to programming the device for either of these two power-down modes (through either the
PDN_PARTIAL or PDN_COMPLETE bits, respectively), the ADS_PD pin itself can be configured as either a
partial power-down pin or a complete power-down pin control. For example, if PDN_PIN_CFG = 0 (default), when
the ADS_PD pin is high, the device enters complete power-down mode. However, if PDN_PIN_CFG = 1, when
the ADS_PD pin is high, the device enters partial power-down mode.
The partial power-down mode function allows the AFE5804 to be rapidly placed in a low-power state. In this
mode, most amplifiers in the signal path are powered down, while the internal references remain active. This
configuration ensures that the external bypass capacitors retain the respective charges, minimizing the wake-up
response time. The wake-up response is typically less than 50
μs, provided that the clock has been running for at
least 50
μs before normal operating mode resumes. The power-down time is instantaneous (less than 1.0μs).
In partial power-down mode, the part typically dissipates only 95mW, representing a 76% power reduction
compared to the normal operating mode. This function is controlled through the ADS_PD and VCA_PD pins,
which are designed to interface with 3.3V low-voltage logic. If separate control of the two PD pins is not desired,
then both can be tied together. In this case, the ADS_PD pin should be configured to operate as a partial
power-down mode pin (see further information below).
For normal operation the PD pins should be tied to a logic low (0); a high (1) places the AFE5804 into partial
power-down mode.
To achieve the lowest power dissipation of only 52mW, the AFE5804 can be placed in complete power-down
mode. This mode is controlled through the serial interface by setting Register 16 (bit D2) and Register 0F (bit
D9:D10). In complete power-down mode, all circuits (including references) within the AFE5804 are
powered-down, and the bypass capacitors then discharge. Consequently, the wake-up time from complete
power-down mode depends largely on the time needed to recharge the bypass capacitors. Another factor that
affects the wake-up time is the elapsed time that the AFE5804 spends in shutdown mode.
38
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com