công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFE5804ZCF bảng dữ liệu(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AFE5804ZCF
Giải thích chi tiết về linh kiện  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5804ZCF bảng dữ liệu(HTML) 54 Page - Texas Instruments

Back Button AFE5804ZCF Datasheet HTML 50Page - Texas Instruments AFE5804ZCF Datasheet HTML 51Page - Texas Instruments AFE5804ZCF Datasheet HTML 52Page - Texas Instruments AFE5804ZCF Datasheet HTML 53Page - Texas Instruments AFE5804ZCF Datasheet HTML 54Page - Texas Instruments AFE5804ZCF Datasheet HTML 55Page - Texas Instruments AFE5804ZCF Datasheet HTML 56Page - Texas Instruments AFE5804ZCF Datasheet HTML 57Page - Texas Instruments AFE5804ZCF Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
ADC
V
CM0
(+2.5V)
Amplifier
0
90
IandQ
Channel
ADC
AFE5804
CWOut
8InBy10Out
CW0
CW1
CW2
CW3
CW4
CW5
CW6
CW7
CW8
CW9
AFE5804
CWOut
8InBy10Out
CW0
CW1
CW2
CW3
CW4
CW5
CW6
CW7
CW8
CW9
Passive
Delay
Line
Clock
L=220 H
m
AFE5804
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
www.ti.com
The resulting signal current then passes through the
After summing, the CW signal path further consists of
8
×10 switch matrix. Depending on the programmed
a high dynamic range mixer for down-conversion to
configuration of the switch matrix, any V/I amplifier
I/Q base-band signals. The I/Q signals are then
current output can be connected to any of 10 CW
band-limited (that is, low-frequency contents are
outputs. This design is a simple current-summing
removed) in a filter stage that precedes a pair of
circuit such that each CW output can represent the
high-resolution, low sample rate ADCs.
sum of any or all of the channel currents. The CW
outputs are typically routed to a passive LC delay
line, allowing coherent summing of the signals.
Figure 104. Conceptual CW Doppler Signal Path Using Current Summing and a Passive Delay Line for
Beam-Forming
54
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com