công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFE5804ZCF bảng dữ liệu(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AFE5804ZCF
Giải thích chi tiết về linh kiện  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5804ZCF bảng dữ liệu(HTML) 40 Page - Texas Instruments

Back Button AFE5804ZCF Datasheet HTML 36Page - Texas Instruments AFE5804ZCF Datasheet HTML 37Page - Texas Instruments AFE5804ZCF Datasheet HTML 38Page - Texas Instruments AFE5804ZCF Datasheet HTML 39Page - Texas Instruments AFE5804ZCF Datasheet HTML 40Page - Texas Instruments AFE5804ZCF Datasheet HTML 41Page - Texas Instruments AFE5804ZCF Datasheet HTML 42Page - Texas Instruments AFE5804ZCF Datasheet HTML 43Page - Texas Instruments AFE5804ZCF Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
AFE5804
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
www.ti.com
LVDS INTERNAL TERMINATION PROGRAMMING
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
X
EN_LVDS_TERM
1
X
X
X
TERM_LCLK
<2:0>
12
1
X
X
X
TERM_FRAME
<2:0>
1
X
X
X
TERM_DAT
<2:0>
The LVDS buffers have high-impedance current sources that drive the outputs. When driving traces with
characteristic impedances that are not perfectly matched with the termination impedance on the receiver side,
there may be reflections back to the LVDS output pins of the AFE5804 that cause degraded signal integrity. By
enabling an internal termination (between the positive and negative outputs) for the LVDS buffers, the signal
integrity can be significantly improved in such scenarios. To set the internal termination mode, the
EN_LVDS_TERM bit should be set to '1'. Once this bit is set, the internal termination values for the bit clock,
frame clock, and data buffers can be independently programmed using sets of three bits. Table 16 shows an
example of how the internal termination of the LVDS buffer driving the bit clock is programmed (the method is
similar for the frame clock and data drive strengths). These termination values are only typical values and can
vary by several percentages across temperature and from device to device.
Table 16. Bit Clock Internal Termination
INTERNAL TERMINATION BETWEEN
TERM_LCLK
<2>
TERM_LCLK
<1>
TERM_LCLK
<0>
LCLKP AND LCLKM (
Ω)
0
0
0
None
0
0
1
260
0
1
0
150
0
1
1
94
1
0
0
125
1
0
1
80
1
1
0
66
1
1
1
55
LOW-FREQUENCY NOISE SUPPRESSION MODE
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
X
X
X
X
LFNS_CH
<1:4>
14
X
X
X
X
LFNS_CH
<8:5>
The low-frequency noise suppression mode is especially useful in applications where good noise performance is
desired in the frequency band of 0MHz to 1MHz (around dc). Setting this mode shifts the low-frequency noise of
the AFE5804 to approximately fS/2, thereby moving the noise floor around dc to a much lower value.
LFNS_CH
<8:1> enables this mode individually for each channel.
40
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com