công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFE5804ZCF bảng dữ liệu(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AFE5804ZCF
Giải thích chi tiết về linh kiện  FULLY-INTEGRATED, 8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND 12-Bit, 40MSPS, 101mW/Channel
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5804ZCF bảng dữ liệu(HTML) 43 Page - Texas Instruments

Back Button AFE5804ZCF Datasheet HTML 39Page - Texas Instruments AFE5804ZCF Datasheet HTML 40Page - Texas Instruments AFE5804ZCF Datasheet HTML 41Page - Texas Instruments AFE5804ZCF Datasheet HTML 42Page - Texas Instruments AFE5804ZCF Datasheet HTML 43Page - Texas Instruments AFE5804ZCF Datasheet HTML 44Page - Texas Instruments AFE5804ZCF Datasheet HTML 45Page - Texas Instruments AFE5804ZCF Datasheet HTML 46Page - Texas Instruments AFE5804ZCF Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
VREFT=1.5V+
V
CM
1.5V
VREFB=1.5V -
V
CM
1.5V
AFE5804
www.ti.com
SBOS442C
– JUNE 2008 – REVISED OCTOBER 2011
CLOCK, REFERENCE, AND DATA OUTPUT MODES
ADDRESS
IN HEX
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
1
1
X
DIFF_CLK
1
1
X
EN_DCC
42
1
1
X
EXT_REF_VCM
1
1
X
X
PHASE_DDR
<1:0>
1
1
X
BTC_MODE
1
1
X
MSB_FIRST
46
1
1
X
EN_SDR
1
1
1
1
FALL_SDR
INPUT CLOCK
The AFE5804 is configured by default to operate with a single-ended input clock; CLKP is driven by a CMOS
clock and CLKM is tied to '0'. However, by programming DIFF_CLK to '1', the device can be made to work with a
differential input clock on CLKP and CLKM. Operating with a low-jitter differential clock generally provides better
SNR performance, especially at input frequencies greater than 30MHz.
In cases where the duty cycle of the input clock falls outside the 45% to 55% range, it is recommended to enable
an internal duty cycle correction circuit. Enable this circuit by setting the EN_DCC bit to '1'.
EXTERNAL REFERENCE
The AFE5804 can be made to operate in external reference mode by pulling the INT/EXT pin to '0'. In this mode,
the REFT and REFB pins should be driven with voltage levels of 2.5V and 0.5V, respectively, and must have
enough drive strength to drive the switched capacitance loading of the reference voltages by each ADC. The
advantage of using the external reference mode is that multiple AFE5804 units can be made to operate with the
same external reference, thereby improving parameters such as gain matching across devices. However, in
applications that do not have an available high drive, differential external reference, the AFE5804 can still be
driven with a single external reference voltage on the CM pin. When EXT_REF_VCM is set as '1' (and the
INT/EXT pin is set to '0'), the CM pin is configured as an input pin, and the voltages on REFT and REFB are
generated as shown in Equation 1 and Equation 2.
(1)
(2)
Copyright
© 2008–2011, Texas Instruments Incorporated
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com